Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 198 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 198 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 194Page - STMicroelectronics STM32U545CE Datasheet HTML 195Page - STMicroelectronics STM32U545CE Datasheet HTML 196Page - STMicroelectronics STM32U545CE Datasheet HTML 197Page - STMicroelectronics STM32U545CE Datasheet HTML 198Page - STMicroelectronics STM32U545CE Datasheet HTML 199Page - STMicroelectronics STM32U545CE Datasheet HTML 200Page - STMicroelectronics STM32U545CE Datasheet HTML 201Page - STMicroelectronics STM32U545CE Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 283 page
background image
Electrical characteristics
STM32U545xx
198/283
DS14216 Rev 1
High-speed internal 48 MHz (HSI48) RC oscillator
IDD(MSI)(3)
MSI oscillator
power
consumption
Continuous
mode(7)
LDO
MSI range 0 to 3
-
21 + 2.5
µA/MHz
-
µA
MSI range 4 to 15
-
19 + 2.5
µA/MHz
-
SMPS(9)
MSI range 0 to 3
-
21 + 1,3
µA/MHz
-
MSI range 4 to 15
-
19 + 1,3
µA/MHz
-
Sampling
mode(8)
LDO
Range 0 to 3
-
3 + 2.5
µA/MHz
-
Range 4 to 15
-
1 +
2.5µA/
MHz
-
SMPS
Range 0 to 3
-
3 + 1
µA/MHz
-
Range 4 to 15
-
1 + 1
µA/MHz
-
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. In PLL mode, the MSI accuracy is the LSE crystal accuracy.
3. Specified by design. Not tested in production.
4. This is a deviation for an individual part once the initial frequency has been measured.
5. The MSI startup time is the time when the four MSIRCs are in power down.
6. This delay is the time to switch from one MSIRC to another one. In case the destination MSIRC is in power down, the total
delay is tsu(MSI) + tswitch(MSI).
7. The MSI is in continuous mode when the internal regulator is in voltage range 1, 2 or 3.
8. The MSI is in sampling mode when MSIBIAS = 1 in RCC_ICSCR1, and the regulator is in voltage range 4, or when the
device is in Stop 1 or Stop 2 mode.
9. SMPS efficiency in range 1, based on VCORE current = 19.4 mA (CoreMark current on VCORE at 160 MHz).
Table 82. MSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 83. HSI48 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 frequency after factory calibration VDD = 3.0 V, TJ = 30 °C
47.5
48
48.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com