Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 200 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 196Page - STMicroelectronics STM32U545CE Datasheet HTML 197Page - STMicroelectronics STM32U545CE Datasheet HTML 198Page - STMicroelectronics STM32U545CE Datasheet HTML 199Page - STMicroelectronics STM32U545CE Datasheet HTML 200Page - STMicroelectronics STM32U545CE Datasheet HTML 201Page - STMicroelectronics STM32U545CE Datasheet HTML 202Page - STMicroelectronics STM32U545CE Datasheet HTML 203Page - STMicroelectronics STM32U545CE Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 283 page
background image
Electrical characteristics
STM32U545xx
200/283
DS14216 Rev 1
Secure high-speed internal (SHSI) RC oscillator
Low-speed internal (LSI) RC oscillator
5.3.9
PLL characteristics
The parameters given in the table below are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 33.
Table 84. SHSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSHSI
SHSI frequency
-
-
48
-
MHz
tSU(SHSI)
SHSI oscillator startup time
-
-
2.5
6
μs
IDD(SHSI)
SHSI oscillator power consumption
-
-
350
400
μA
1. Specified by design. Not tested in production.
Table 85. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
LSI frequency
VDD = 3.0 V, TJ = 30 °C, LSIPREDIV = 0
31.4
-
32.6
kHz
VDD = 3.0 V, TJ = 30 °C, LSIPREDIV = 1 0.245
-
0.255
1.58 V≤ VDD ≤ 3.6 V, TJ = –40 to 125 °C 30.4(1)
-33.6(1)
DuCy(LSI) LSI duty cycle
LSIPREDIV = 1
-
50
-
%
tSU(LSI)(2) LSI oscillator startup time
-
-
230
260
μs
tSTAB(LSI)(2) LSI oscillator stabilization time 5% of final frequency
-
230
260
IDD(LSI)(2)
LSI oscillator power
consumption
LSIPREDIV = 0
-
140
255
nA
LSIPREDIV = 1
-
130
240
1. Evaluated by characterization. Not tested in production.
2. Specified by design. Not tested in production.
Table 86. PLL characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
4
-
16
MHz
PLL input clock
duty cycle
-10
-
90
%
fPLL_OUT
PLL P, Q, R
output clock
Voltage scaling range 1
1
-
160(2)
MHz
Voltage scaling range 2
1
-
110
Voltage scaling range 3
1
-
55
fVCO_OUT PLL VCO output
Voltage scaling range 1, 2
128
-
544
Voltage scaling range 3
128
-
330
Duty cycle with division 1
40
-
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com