Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 238 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 238 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 234Page - STMicroelectronics STM32U545CE Datasheet HTML 235Page - STMicroelectronics STM32U545CE Datasheet HTML 236Page - STMicroelectronics STM32U545CE Datasheet HTML 237Page - STMicroelectronics STM32U545CE Datasheet HTML 238Page - STMicroelectronics STM32U545CE Datasheet HTML 239Page - STMicroelectronics STM32U545CE Datasheet HTML 240Page - STMicroelectronics STM32U545CE Datasheet HTML 241Page - STMicroelectronics STM32U545CE Datasheet HTML 242Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 283 page
background image
Electrical characteristics
STM32U545xx
238/283
DS14216 Rev 1
GBW
Gain bandwidth product
Normal mode
0.4
2
3.1
MHz
Low-power mode
0.23
0.5
0.76
SR(3)
Slew rate (from 10% and
90% of output voltage)
Normal
mode
Standard speed
mode
(OPAHSM = 0)
0.5
1
3.2
V/µs
Low-power
mode
0.14
0.25
0.75
Normal
mode
High speed mode
(OPAHSM = 1)
1.4
3.2
5.6
Low-power
mode
0.38
0.82
1.5
AO
Open loop gain
Normal mode
72
105
-
dB
Low-power mode
77
106
-
φm
Phase margin
Normal mode
54
67
-
°
Low-power mode
54
65
-
GM
Gain margin
Normal mode
-
9
-
dB
Low-power mode
-
17
-
VOHSAT(3)
High saturation voltage
Normal
mode
ILOAD max or
RLOAD min,
Input at VDDA
VDDA
- 100
--
mV
Low-power
mode
VDDA
- 50
--
VOLSAT(3)
Low saturation voltage
Normal
mode
ILOAD max or
RLOAD min,
Input at 0 V
-
-
100
Low-power
mode
--
50
tWAKEUP
Wake-up time from
OFF state
Normal
mode
CLOAD ≤ 50 pF,
RLOAD ≥ 3.9 kΩ,
follower config.
-4
10
µs
Low-power
mode
CLOAD ≤ 50 pF,
RLOAD ≥ 20kΩ,
follower config.
-20
40
Ibias
OPAMP input bias current
General purpose input (all
packages except UFBGA)
--
(4)
nA
Dedicated
input
(UFBGA
only)
TJ ≤ 75 °C
-
-
7
TJ ≤ 85 °C
-
-
9
TJ ≤ 105 °C
-
-
18
TJ ≤ 125 °C
-
-
25
Table 117. OPAMP characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com