Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545CE Datasheet(PDF) 241 Page - STMicroelectronics

Part # STM32U545CE
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545CE Datasheet(HTML) 241 Page - STMicroelectronics

Back Button STM32U545CE Datasheet HTML 237Page - STMicroelectronics STM32U545CE Datasheet HTML 238Page - STMicroelectronics STM32U545CE Datasheet HTML 239Page - STMicroelectronics STM32U545CE Datasheet HTML 240Page - STMicroelectronics STM32U545CE Datasheet HTML 241Page - STMicroelectronics STM32U545CE Datasheet HTML 242Page - STMicroelectronics STM32U545CE Datasheet HTML 243Page - STMicroelectronics STM32U545CE Datasheet HTML 244Page - STMicroelectronics STM32U545CE Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 283 page
background image
DS14216 Rev 1
241/283
STM32U545xx
Electrical characteristics
258
5.3.28
ADF/MDF characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fAHB frequency and VDD supply voltage
conditions summarized in Table 33, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 118. ADF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ Max Unit
fCCKI
Input clock frequency via
ADF_CCK[1:0] pin, in SLAVE
SPI mode
1.71 ≤ VDD ≤ 3.6 V
--
25
MHz
fCCKO
Output clock frequency in
MASTER SPI mode
--
25
fCCKOLF
Output clock frequency in
LF_MASTER SPI mode
--
5
fSYMB
Input symbol rate in
Manchester mode
--
20
tHCCKI
tLCCKI
ADF_CCK[1:0] input clock
high and low time
In SLAVE SPI mode
2 ×
Tadf_proc_ck(2)
--
ns
tHCCKO
tLCCKO
ADF_CCK[1:0] output clock
high and low time
In MASTER SPI mode
2 ×
Tadf_proc_ck
--
tHCCKOLF
tLCCKOLF
ADF_CCK[1:0] output clock
high and low time
In LF_MASTER SPI mode
Tadf_proc_ck
-
-
tSUCCKI
Data setup time with respect
to ADF_CCK[1:0] input
In SLAVE SPI mode:
ADF_CCK[1:0] configured in
input, measured on rising and
falling edge
4.5
-
-
tHDCCKI
Data hold time with respect to
ADF_CCK[1:0] input
1-
-
tSUCCKO
Data setup time with respect
to ADF_CCK[1:0] output
In MASTER SPI mode:
ADF_CCK[1:0] configured in
output, measured on rising and
falling edge
5.5
-
-
tHDCCKO
Data hold time with respect to
ADF_CCK[1:0] output
0-
-
tSUCCKOLF
Data setup time with respect
to ADF_CCK[1:0] output
In LF_MASTER SPI mode:
ADF_CCK[1:0] configured in
output, measured on rising and
falling edge
19.5
-
-
ns
tHDCCKOLF
Data hold time with respect to
ADF_CCK[1:0] output
0-
-
1. Evaluated by characterization. Not tested in production.
2. Tadf_proc_ck is the period of the ADF processing clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com