Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 63Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 64Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 65Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 66Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 67Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 68Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 69Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 70Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 159 page
background image
DS13564 Rev 4
67/159
STM32G0C1xC/xE
Electrical characteristics
124
5.1.7
Current consumption measurement
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 21, Table 22 and Table 23
may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these conditions is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
All voltages are defined with respect to VSS.
Figure 16. Current consumption measurement scheme
MSv66840V1
IDDVBAT
VBAT
IDD
VDD
(VDDA)
VBAT
VDD/VDDA
VDDIO2
Table 21. Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD
External supply voltage
-0.3
4.0
V
VDDIO2
External supply voltage for selected I/Os
-0.3
4.0
VBAT
External supply voltage on VBAT pin
-0.3
4.0
VREF+
External voltage on VREF+ pin
-0.3
Min(VDD + 0.4, 4.0)
VIN(1)
Input voltage on FT_xx pins except FT_c
-0.3
VDD + 4.0(2)
Input voltage on FT_c pins
-0.3
5.5
Input voltage on any other pin
-0.3
4.0
1. Refer to Table 22 for the maximum allowed injected current values.
2. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com