Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 84Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 85Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 86Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 87Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 88Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 89Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 90Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 91Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
88/159
DS13564 Rev 4
Figure 22. HSI16 frequency vs. temperature
High-speed internal 48 MHz (HSI48) RC oscillator
MSv39299V1
15.6
15.7
15.8
15.9
16
16.1
16.2
16.3
16.4
MHz
min
mean
max
+1%
-1%
+2%
-2%
+1.5%
-1.5%
-40
-20
0
20
40
60
80
100
120 °C
Table 45. HSI48 oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 Frequency
VDD=3.0V, TA=30°C
-
48
-
MHz
TRIM
HSI48 user trimming step
-
-
0.11(2)
0.18(2)
%
USER TRIM
COVERAGE
HSI48 user trimming coverage
±64 steps
±6(3)
±7(3)
-%
DuCy(HSI48) Duty Cycle
-
45(2)
-55(2)
%
ACCHSI48_REL
Accuracy of the HSI48 oscillator
over temperature (factory
calibrated)
VDD = 3.0 V to 3.6 V,
TA = –15 to 85 °C
--
±3(3)
%
VDD = 1.65 V to 3.6 V,
TA = –40 to 125 °C
--
±4.5(3)
DVDD(HSI48)
HSI48 oscillator frequency drift
with VDD
VDD = 3 V to 3.6 V
-
0.025(3)
0.05(3)
%
VDD = 1.65 V to 3.6 V
-
0.05(3)
0.1(3)
tsu(HSI48)
HSI48 oscillator start-up time
-
-
2.5(2)
6(2)
μs
IDD(HSI48)
HSI48 oscillator power
consumption
--
340(2)
380(2)
μA
NT jitter
Next transition jitter
Accumulated jitter on 28 cycles(4)
--
+/-0.15(2)
-ns
PT jitter
Paired transition jitter
Accumulated jitter on 56 cycles(4)
--
+/-0.25(2)
-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com