Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 80Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 81Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 82Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 83Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 84Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 85Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 86Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 87Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
84/159
DS13564 Rev 4
Figure 19. Low-speed external clock source AC timing diagram
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 48 MHz crystal/ceramic
resonator oscillator. All the information given in this paragraph are based on design
simulation results obtained with typical external components specified in Table 42. In the
application, the resonator and the load capacitors have to be placed as close as possible to
the oscillator pins in order to minimize output distortion and startup stabilization time. Refer
to the crystal resonator manufacturer for more details on the resonator characteristics
(frequency, package, accuracy).
MS19215V2
VLSEH
tf(LSE)
90%
10%
TLSE
t
tr(LSE)
VLSEL
tw(LSEH)
tw(LSEL)
Table 42. HSE oscillator characteristics(1)
Symbol
Parameter
Conditions(2)
Min
Typ
Max
Unit
fOSC_IN
Oscillator frequency
-
4
8
48
MHz
RF
Feedback resistor
-
-
200
-
kΩ
IDD(HSE)
HSE current consumption
During startup(3)
--
5.5
mA
VDD = 3 V,
Rm = 30 Ω,
CL = 10 pF@8 MHz
-0.44
-
VDD = 3 V,
Rm = 45 Ω,
CL = 10 pF@8 MHz
-0.45
-
VDD = 3 V,
Rm = 30 Ω,
CL = 5 pF@48 MHz
-0.68
-
VDD = 3 V,
Rm = 30 Ω,
CL = 10 pF@48 MHz
-0.94
-
VDD = 3 V,
Rm = 30 Ω,
CL = 20 pF@48 MHz
-1.77
-
Gm
Maximum critical crystal
transconductance
Startup
-
-
1.5
mA/V
tSU(HSE)(4) Startup time
VDD is stabilized
-
2
-
ms
1. Guaranteed by design.
2. Resonator characteristics given by the crystal/ceramic resonator manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com