Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 78Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 79Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 80Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 81Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 82Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 83Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 84Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 85Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
82/159
DS13564 Rev 4
5.3.7
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO.
The external clock signal has to respect the I/O characteristics in Section 5.3.14. See
Figure 18 for recommended clock input waveform.
tWUSHDN
Wakeup time from
Shutdown mode
Transiting to Run mode;
HCLK = HSI16 = 16 MHz;
Regulator in Range 1
258
340
µs
tWULPRUN
Wakeup time from
Low-power run
mode(2)
Transiting to Run mode;
HSISYS = HSI16/8 = 2 MHz
57
µs
1. Based on characterization results, not tested in production.
2. Time until REGLPF flag is cleared in PWR_SR2.
Table 37. Low-power mode wakeup times(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
Table 38. Regulator mode transition times(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tVOST
Transition times between regulator
Range 1 and Range 2(2)
HSISYS = HSI16
20
40
µs
1. Based on characterization results, not tested in production.
2. Time until VOSF flag is cleared in PWR_SR2.
Table 39. Wakeup time using LPUART(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWULPUART
Wakeup time needed to calculate the maximum
LPUART baud rate allowing to wakeup up from Stop
mode when LPUART clock source is HSI16
Stop mode 0
-
1.7
µs
Stop mode 1
-
8.5
1. Guaranteed by design.
Table 40. High-speed external user clock characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext User external clock source frequency
Voltage scaling
Range 1
-8
48
MHz
Voltage scaling
Range 2
-8
26
VHSEH
OSC_IN input pin high level voltage
-
0.7 VDDIO1
-VDDIO1
V
VHSEL
OSC_IN input pin low level voltage
-
VSS
-0.3 VDDIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com