Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 72Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 73Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 74Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 75Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 76Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 77Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 78Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 79Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
76/159
DS13564 Rev 4
Table 32. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Flash
memory
RTC(2)
VDD
25°C
85°C 125°C 25°C
85°C
130°C
IDD(Stop 1)
Supply
current in
Stop 1
mode
Not
powered
Disabled
1.8 V
2.9
25
105
-
-
-
µA
2.4 V
3.1
26
110
-
-
-
3 V
3.3
26
110
-
-
-
3.6 V
3.6
26
110
-
-
-
Enabled
1.8 V
3.3
25
105
-
-
-
2.4 V
3.6
26
110
-
-
-
3 V
3.7
26
110
-
-
-
3.6 V
4.2
27
110
-
-
-
Powered
Disabled
1.8 V
7.0
30
110
-
-
-
2.4 V
7.3
30
115
-
-
-
3 V
7.5
30
115
-
-
-
3.6 V
7.8
31
115
-
-
-
1. Based on characterization results, not tested in production.
2. Clocked by LSI
Table 33. Current consumption in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
VDD
25°C 85°C 125°C 25°C 85°C
130°C
IDD(Standby)
Supply current
in Standby
mode(2)
RTC disabled
1.8 V
0.1
2.1
9.4
0.8
14
45
µA
2.4 V
0.1
2.5
11.5
1.2
17
54
3.0 V
0.2
3.0
13.5
1.4
18
64
3.6 V
0.3
3.5
16.0
1.8
21
74
RTC enabled,
clocked by LSI;
1.8 V
0.4
2.3
9.7
2.0
15
45
2.4 V
0.5
2.8
11.5
2.5
18
55
3.0 V
0.7
3.4
14.0
3.0
20
64
3.6 V
0.9
4.0
16.0
3.3
23
75
IWDG enabled,
clocked by LSI
1.8 V
0.3
2.3
9.6
2.1
14
45
2.4 V
0.4
2.7
11.5
2.3
17
54
3.0 V
0.5
3.3
13.5
2.6
19
64
3.6 V
0.7
3.8
16.0
3.0
22
74
ULPEN = 0
1.8 V
0.7
2.0
9.4
-
-
-
2.4 V
0.9
2.4
11.0
-
-
-
3.0 V
1.1
2.9
13.5
-
-
-
3.6 V
1.3
3.4
15.5
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com