Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 8Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 9Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 10Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 11Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 12Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 13Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 14Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 15Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 159 page
background image
Description
STM32G0C1xC/xE
12/159
DS13564 Rev 4
Table 2. Features and peripheral counts
Peripheral
STM32G0C1_
_KC/
_KE
_KCxxN/
_KExxN
_CC/
_CE
_CCxxN/
_CExxN
_NE
_RC/
_RE
_RCxxN/
_RExxN
_MC/
_ME
_VC/
_VE
Flash memory (Kbyte)
256/512
256/512
256/512
256/512
512
256/512
256/512
256/512
256/512
SRAM (Kbyte)
128 (parity-protected) or 144 (not parity-protected)
Advanced control
1 (16-bit) high frequency
General-purpose
6 (16-bit) + 1 (16-bit) high frequency + 1 (32-bit)
Basic
2 (16-bit)
Low-power
2 (16-bit)
SysTick
1
Watchdog
2
SPI [I2S](1)
3 [2]
I2C3
USART
6
LPUART
2
USB
1
UCPD
1(2)
2
FDCAN
2
CEC
1
RTC
Yes
Tamper pins
3
VDDIO2 pin / VSS pin
No/No
Yes/No
No/No
Yes/Yes
Yes/Yes
No/No
Yes/Yes
Yes/Yes
Yes/Yes
Random number generator
Yes
AES
Yes
GPIOs
30
2944
424660
5874
94
Wakeup pins
4
3
4
5
7
8
ADC channels (ext. + int.)
11 + 2
10 + 2
14 + 3
16 + 3
DAC channels
2
Internal voltage reference
buffer
No
Yes
Analog comparators
3
Max. CPU frequency
64 MHz
Operating voltage
1.7 to 3.6 V
Operating temperature(3)
Ambient: -40 to 85 °C / -40 to 105 °C / -40 to 125 °C
Junction: -40 to 105 °C / -40 to 125 °C / -40 to 130 °C
Number of pins
32
48
52
64
80
100
1. The numbers in brackets denote the count of SPI interfaces configurable as I2S interface.
2. One port with only one CC line available (supporting limited number of use cases).
3. Depends on order code. Refer to Section 7: Ordering information for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com