Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 87Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 88Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 89Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 90Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 91Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 92Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 93Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 94Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 159 page
background image
DS13564 Rev 4
91/159
STM32G0C1xC/xE
Electrical characteristics
124
5.3.11
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (electromagnetic susceptibility)
While a simple application is executed on the device (toggling 2 LEDs through I/O ports).
the device is stressed by two electromagnetic events until a failure occurs. The failure is
indicated by the LEDs:
Electrostatic discharge (ESD) (positive and negative) is applied to all device pins until
a functional disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
FTB: A Burst of Fast Transient voltage (positive and negative) is applied to VDD and
VSS through a 100 pF capacitor, until a functional disturbance occurs. This test is
compliant with the IEC 61000-4-4 standard.
A device reset allows normal operations to be resumed.
The test results are given in Table 50. They are based on the EMS levels and classes
defined in application note AN1709.
IDD(FlashA) Average consumption from VDD
Programming
3
-
mA
Page erase
3
-
Mass erase
5
-
IDD(FlashP) Maximum current (peak)
Programming, 2 µs peak
duration
7-
mA
Erase, 41 µs peak duration
7
-
1. Guaranteed by design.
2. Values provided also apply to devices with less Flash memory than one 512 Kbyte bank
Table 48. Flash memory characteristics(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
Table 49. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
Unit
NEND
Endurance
TA = -40 to +105 °C
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
30
Years
1 kcycle(2) at TA = 105 °C
15
1 kcycle(2) at TA = 125 °C
7
10 kcycles(2) at TA = 55 °C
30
10 kcycles(2) at TA = 85 °C
15
10 kcycles(2) at TA = 105 °C
10
1. Guaranteed by characterization results.
2. Cycling performed over the whole temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com