Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 96Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 97Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 98Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 99Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 100Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 101Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 102Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 103Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
100/159
DS13564 Rev 4
Figure 26. I/O AC characteristics definition(1)
1. Refer to Table 58: I/O AC characteristics.
5.3.15
NRST input characteristics
The NRST input driver uses CMOS technology. It is connected to a permanent
pull-up resistor, RPU.
Unless otherwise specified, the parameters given in the following table are derived from
tests performed under the ambient temperature and supply voltage conditions summarized
in Table 24: General operating conditions.
MS32132V2
T
10%
50%
90%
10%
50%
90%
r
f
t
t
Table 59. NRST pin characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
NRST input low level
voltage
-
-
-
0.3 x VDDIO1
V
VIH(NRST)
NRST input high level
voltage
-
0.7 x VDDIO1
--
Vhys(NRST)
NRST Schmitt trigger
voltage hysteresis
--
200
-
mV
RPU
Weak pull-up
equivalent resistor(2)
VIN = VSS
25
40
55
kΩ
VF(NRST)
NRST input filtered
pulse
--
-
70
ns
VNF(NRST)
NRST input not filtered
pulse
1.7 V ≤ VDD ≤ 3.6 V
350
-
-
ns
1.
Guaranteed by design.
2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series
resistance is minimal (~10% order)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com