Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 97Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 98Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 99Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 100Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 101Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 102Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 103Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 104Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 159 page
background image
DS13564 Rev 4
101/159
STM32G0C1xC/xE
Electrical characteristics
124
Figure 27. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 59: NRST pin characteristics. Otherwise the reset will not be taken into account by the device.
3. The external capacitor on NRST must be placed as close as possible to the device.
5.3.16
Analog switch booster
5.3.17
Analog-to-digital converter characteristics
Unless otherwise specified, the parameters given in Table 61 are preliminary values derived
from tests performed under ambient temperature, fPCLK frequency and VDDA supply voltage
conditions summarized in Table 24: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
MS19878V3
RPU
VDD
Internal reset
External
reset circuit
(1)
NRST
(2)
Filter
0.1 μF
Table 60. Analog switch booster characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
1.62 V
-
3.6
V
tSU(BOOST)
Booster startup time
-
-
240
µs
IDD(BOOST)
Booster consumption for
1.62 V ≤ VDD ≤ 2.0 V
--
250
µA
Booster consumption for
2.0 V ≤ VDD ≤ 2.7 V
--
500
Booster consumption for
2.7 V ≤ VDD ≤ 3.6 V
--
900
Table 61. ADC characteristics(1)
Symbol
Parameter
Conditions(2)
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
-
3.6
V
VREF+
Positive reference
voltage
VDDA ≥ 2 V
2
-
VDDA
V
VDDA < 2 V
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com