Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 99Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 100Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 101Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 102Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 103Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 104Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 105Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 106Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 159 page
background image
DS13564 Rev 4
103/159
STM32G0C1xC/xE
Electrical characteristics
124
IDDA(ADC)
ADC consumption
from VDDA
fs = 2.5 MSps
-
410
-
µA
fs = 1 MSps
-
164
-
fs = 10 kSps
-
17
-
IDDV(ADC)
ADC consumption
from VREF+
fs = 2.5 MSps
-
65
-
µA
fs = 1 MSps
-
26
-
fs = 10 kSps
-
0.26
-
1. Guaranteed by design
2. I/O analog switch voltage booster must be enabled (BOOSTEN = 1 in the SYSCFG_CFGR1) when VDDA < 2.4 V and
disabled when VDDA ≥ 2.4 V.
3.
VREF+ is internally connected to VDDA on some packages.Refer to Section 4: Pinouts, pin description and alternate
functions for further details.
Table 61. ADC characteristics(1) (continued)
Symbol
Parameter
Conditions(2)
Min
Typ
Max
Unit
Table 62. Maximum ADC RAIN .
Resolution
Sampling cycle at 35 MHz
Sampling time at 35 MHz
[ns]
Max. RAIN(1)(2)
(Ω)
12 bits
1.5(3)
43
50
3.5
100
680
7.5
214
2200
12.5
357
4700
19.5
557
8200
39.5
1129
15000
79.5
2271
33000
160.5
4586
50000
10 bits
1.5(3)
43
68
3.5
100
820
7.5
214
3300
12.5
357
5600
19.5
557
10000
39.5
1129
22000
79.5
2271
39000
160.5
4586
50000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com