Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 13Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 14Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 15Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 16Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 17Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 18Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 19Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 20Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 159 page
background image
DS13564 Rev 4
17/159
STM32G0C1xC/xE
Functional overview
36
3.7
Power supply management
3.7.1
Power supply schemes
The STM32G0C1xC/xE devices require a 1.7 V to 3.6 V operating supply voltage (VDD).
Several different power supplies are provided to specific peripherals:
•
VDD = 1.7 (1.6) to 3.6 V
VDD is the external power supply for the internal regulator and the system analog such
as reset, power management and internal clocks. It is provided externally through
VDD/VDDA pin.
The minimum voltage of 1.7 V corresponds to power-on reset release threshold
VPOR(max). Once this threshold is crossed and power-on reset is released, the
functionality is guaranteed down to power-down reset threshold VPDR(min).
•
VDDA = 1.62 V (ADC and COMP) / 1.8 V (DAC) / 2.4 V (VREFBUF) to 3.6 V
VDDA is the analog power supply for the A/D converter, D/A converter, voltage
reference buffer and comparators. VDDA voltage level is identical to VDD voltage as it is
provided externally through VDD/VDDA pin.
•
VDDIO1 = VDD
VDDIO1 is the power supply for the I/Os. VDDIO1 voltage level is identical to VDD voltage
as it is provided externally through VDD/VDDA pin.
•
VDDIO2 = 1.6 to 3.6 V
VDDIO2 is the power supply from VDDIO2 pin for selected I/Os and VDDUSB. On
packages without VDDIO2 pin, VDDUSB and VDDIO2 are internally connected with VDD.
Although VDDIO2 is independent of VDD or VDDA, it must not be applied without valid
VDD.
•
VBAT = 1.55 V to 3.6 V. VBAT is the power supply (through a power switch) for RTC,
TAMP, low-speed external 32.768 kHz oscillator and backup registers when VDD is not
present. VBAT is provided externally through VBAT pin. When this pin is not available
on the package, VBAT bonding pad is internally bonded to the VDD/VDDA pin.
•
VREF+ is the analog peripheral input reference voltage, or the output of the internal
voltage reference buffer (when enabled). When VDDA < 2 V, VREF+ must be equal to
VDDA. When VDDA ≥ 2 V, VREF+ must be between 2 V and VDDA. It can be grounded
when the analog peripherals using VREF+ are not active.
The internal voltage reference buffer supports two output voltages, which is configured
with VRS bit of the VREFBUF_CSR register:
–VREF+ around 2.048 V (requiring VDDA equal to or higher than 2.4 V)
–VREF+ around 2.5 V (requiring VDDA equal to or higher than 2.8 V)
VREF+ is delivered through VREF+ pin. On packages without VREF+ pin, VREF+ is
internally connected with VDD, and the internal voltage reference buffer must be kept
disabled (refer to datasheets for package pinout description).
•
VCORE
An embedded linear voltage regulator is used to supply the VCORE internal digital
power. VCORE is the power supply for digital peripherals, SRAM and Flash memory.
The Flash memory is also supplied with VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com