Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 64Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 65Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 66Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 67Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 68Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 69Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 70Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 71Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
68/159
DS13564 Rev 4
5.3
Operating conditions
5.3.1
General operating conditions
Table 22. Current characteristics
Symbol
Ratings
Max
Unit
IVDD/VDDA
/VDDIO2
Current into VDD/VDDA/VDDIO2 power pin (source)(1)
100
mA
IVSS/VSSA
Current out of VSS/VSSA ground pin (sink)(1)
100
IIO(PIN)
Output current sunk by any I/O and control pin except FT_f
15
Output current sunk by any FT_f pin
20
Output current sourced by any I/O and control pin
15
∑IIO(PIN)
Total output current sunk by sum of all I/Os and control pins
80
Total output current sourced by sum of all I/Os and control pins
80
IINJ(PIN)
(2)
Injected current on a FT_xx pin
-5 / NA(3)
Injected current on a TT_a pin(4)
-5 / 0
∑|IINJ(PIN)| Total injected current (sum of all I/Os and control pins)(5)
25
1. All main power (VDD/VDDA/VDDIO2, VBAT) and ground (VSS/VSSA) pins must always be connected to the external
power supplies, in the permitted range.
2. A positive injection is induced by VIN > VDDIOx while a negative injection is induced by VIN < VSS. IINJ(PIN) must never be
exceeded. Refer also to Table 21: Voltage characteristics for the maximum allowed input voltage values.
3. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified maximum
value.
4. On these I/Os, any current injection disturbs the analog performances of the device.
5. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of the negative
injected currents (instantaneous values).
Table 23. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature
150
°C
Table 24. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
64
MHz
fPCLK
Internal APB clock frequency
-
0
64
VDD
Standard operating voltage
-
1.7(1)
3.6
V
VDDIO2
External supply voltage for
selected I/Os
-1.7
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com