Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 83Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 84Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 85Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 86Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 87Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 88Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 89Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 90Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 159 page
background image
DS13564 Rev 4
87/159
STM32G0C1xC/xE
Electrical characteristics
124
5.3.8
Internal clock source characteristics
The parameters given in Table 44 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 24: General operating
conditions. The provided curves are characterization results, not tested in production.
High-speed internal (HSI16) RC oscillator
Table 44. HSI16 oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
HSI16 Frequency
VDD=3.0 V, TA=30 °C
15.88
-
16.08
MHz
∆Temp(HSI16)
HSI16 oscillator frequency drift over
temperature
TA= 0 to 85 °C
-1
-
1
%
TA= -40 to 125 °C
-2
-
1.5
%
∆VDD(HSI16)
HSI16 oscillator frequency drift over
VDD
VDD=1.62 V to 3.6 V
-0.1
-
0.05
%
TRIM
HSI16 frequency user trimming step
From code 127 to 128
-8
-6
-4
%
From code 63 to 64
From code 191 to 192
-5.8
-3.8
-1.8
For all other code
increments
0.2
0.3
0.4
DHSI16(2)
Duty Cycle
-
45
-
55
%
tsu(HSI16)(2)
HSI16 oscillator start-up time
-
-
0.8
1.2
μs
tstab(HSI16)(2)
HSI16 oscillator stabilization time
-
-
3
5
μs
IDD(HSI16)(2)
HSI16 oscillator power consumption
-
-
155
190
μA
1. Based on characterization results, not tested in production.
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com