Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 24Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 25Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 26Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 27Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 28Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 29Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 30Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 31Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 159 page
background image
Functional overview
STM32G0C1xC/xE
28/159
DS13564 Rev 4
3.19
Advanced-encryption-standard (AES) hardware accelerator
The embedded AES hardware accelerator can encipher or decipher data, using AES
algorithm.
Features of AES:
Encryption/decryption using AES Rijndael Block Cipher algorithm
NIST-FIPS-197-compliant implementation of AES encryption/decryption algorithm
128-bit and 256-bit register for storing the encryption, decryption or derivation key (four
32-bit registers)
Electronic codebook (ECB), cipher block chaining (CBC), counter (CTR), Galois
counter (GCM), Galois message authentication code (GMAC) and cipher message
authentication code (CMAC) modes supported
Key scheduler
Key derivation for decryption
128-bit data block processing
128-bit and 256-bit key length
32-bit input and output buffers
Register access supporting 32-bit data width
128-bit register for the initialization vector when AES is configured in CBC mode or for
the 32-bit counter initialization when CTR mode is selected, GCM mode or CMAC
mode
Automatic data flow control with support of direct memory access (DMA) using 2
channels, one for incoming data, the other for outcoming data
Message processing suspend to process another message with higher priority
3.20
Timers and watchdogs
The device includes an advanced-control timer, seven general-purpose timers, two basic
timers, two low-power timers, two watchdog timers and a SysTick timer. Table 7 compares
features of the advanced-control, general-purpose and basic timers.
Table 7. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Maximum
operating
frequency
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Comple-
mentary
outputs
Advanced-
control
TIM1
16-bit
Up, down,
up/down
128 MHz
Integer from
1 to 216
Yes
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com