Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 98Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 99Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 100Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 101Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 102Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 103Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 104Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 105Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
102/159
DS13564 Rev 4
fADC
ADC clock frequency
Range 1
0.14
-
35
MHz
Range 2
0.14
-
16
fs
Sampling rate
12 bits
-
-
2.50
MSps
10 bits
-
-
2.92
8 bits
-
-
3.50
6 bits
-
-
4.38
fTRIG
External trigger
frequency
fADC = 35 MHz; 12 bits
-
-
2.33
MHz
12 bits
-
-
fADC/15
VAIN (3)
Conversion voltage
range
-VSSA
-VREF+
V
RAIN
External input
impedance
--
-
50
kΩ
CADC
Internal sample and
hold capacitor
--
5
-
pF
tSTAB
ADC power-up time
-
2
Conversion
cycle
tCAL
Calibration time
fADC = 35 MHz
2.35
µs
-82
1/fADC
tLATR
Trigger conversion
latency
CKMODE = 00
2
-
3
1/fADC
CKMODE = 01
6.5
1/fPCLK
CKMODE = 10
12.5
CKMODE = 11
3.5
ts
Sampling time
fADC = 35 MHz;
VDDA > 2V
0.043
-
4.59
µs
1.5
-
160.5
1/fADC
fADC = 35 MHz;
VDDA < 2V
0.1
-
4.59
µs
3.5
160.5
1/fADC
tADCVREG_STUP
ADC voltage regulator
start-up time
--
-
20
µs
tCONV
Total conversion time
(including sampling
time)
fADC = 35 MHz
Resolution = 12 bits
0.40
-
4.95
µs
Resolution = 12 bits
ts + 12.5 cycles for successive
approximation
= 14 to 173
1/fADC
tIDLE
Laps of time allowed
between two
conversions without
rearm
-
-
-
100
µs
Table 61. ADC characteristics(1) (continued)
Symbol
Parameter
Conditions(2)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com