Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 108Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 109Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 110Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 111Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 112Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 113Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 114Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 115Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
112/159
DS13564 Rev 4
5.3.19
Voltage reference buffer characteristics
SINAD
Signal-to-noise
and distortion
ratio
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz
-70.4
-
dB
DAC output buffer OFF
CL ≤ 50 pF, no RL, 1 kHz
-71-
ENOB
Effective
number of bits
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz
-11.4-
bits
DAC output buffer OFF
CL ≤ 50 pF, no RL, 1 kHz
-11.5-
1. Guaranteed by design.
2. Difference between two consecutive codes - 1 LSB.
3. Difference between measured value at Code i and the value at Code i on a line drawn between Code 0 and last Code 4095.
4. Difference between the value measured at Code (0x001) and the ideal value.
5. Difference between ideal slope of the transfer function and measured slope computed from code 0x000 and 0xFFF when
buffer is OFF, and from code giving 0.2 V and (VREF+ – 0.2) V when buffer is ON.
Table 65. DAC accuracy(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 66. VREFBUF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage
Normal mode
VRS = 0
2.4
-
3.6
V
VRS = 1
2.8
-
3.6
Degraded mode(2)
VRS = 0
1.65
-
2.4
VRS = 1
1.65
-
2.8
VREFBUF_
OUT
Voltage
reference output
Iload = 100 µA
T = 30 °C
VRS = 0
2.038
2.042
2.046
VRS = 1
2.497
2.5
2.503
VRS = 0
VDDA-150 mV
-
VDDA
VRS = 1
VDDA-150 mV
-
VDDA
TRIM
Trim step
resolution
-
-
-
±0.05
±0.1
%
CL
Load capacitor
-
-
0.5
1
1.5
µF
esr
Equivalent
Serial Resistor
of Cload
--
-
-
2
Iload
Static load
current
--
-
-
4
mA
Iline_reg
Line regulation
2.8 V ≤ VDDA ≤ 3.6 V
Iload = 500 µA
-
200
1000
ppm/V
Iload = 4 mA
-
100
500
Iload_reg
Load regulation
500 μA ≤ Iload ≤4 mA Normal mode
-
50
500
ppm/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com