Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET3 Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32G0C1NET3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET3 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32G0C1NET3 Datasheet HTML 136Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 137Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 138Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 139Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 140Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 141Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 142Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 143Page - STMicroelectronics STM32G0C1NET3 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 159 page
background image
Package information
STM32G0C1xC/xE
140/159
DS13564 Rev 4
6.6
UFBGA64 package information
UFBGA64 is a 64-ball, 5 x 5 mm, 0.5 mm pitch ultra-low-profile fine-pitch ball grid array
package.
Figure 52. UFBGA64 package outline
1. Drawing is not to scale.
A019_ME_V1
Seating plane
A1
eF
F
D
H
Øb (64 balls)
A
E
TOP VIEW
BOTTOM VIEW
1
8
e
A
Y
X
Z
ddd Z
D1
E1
eee
Z Y X
fff
Ø
Ø
M
M
Z
A3
A4
A1 ball
identifier
A1 ball
index area
A2
Table 86. UFBGA64 package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.460
0.530
0.600
0.0181
0.0209
0.0236
A1
0.050
0.080
0.110
0.0020
0.0031
0.0043
A2
0.400
0.450
0.500
0.0157
0.0177
0.0197
A3
0.080
0.130
0.180
0.0031
0.0051
0.0071
A4
0.270
0.320
0.370
0.0106
0.0126
0.0146
b
0.170
0.280
0.330
0.0067
0.0110
0.0130
D
4.850
5.000
5.150
0.1909
0.1969
0.2028
D1
3.450
3.500
3.550
0.1358
0.1378
0.1398
E
4.850
5.000
5.150
0.1909
0.1969
0.2028
E1
3.450
3.500
3.550
0.1358
0.1378
0.1398
e
-
0.500
-
-
0.0197
-
F
0.700
0.750
0.800
0.0276
0.0295
0.0315



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com