Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9LPRS477D Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
3
9LPRS477D
REV C 010715
Pin Descriptions (cont.)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
33
GNDATIG
GND
Ground pin for the ATIG outputs
34
VDDATIG
PWR
Power supply for ATIG core, nominal 3.3V
35
ATIG1C_LPRS
OUT
Complementary cloc k of low-power differential pus h-pull PCI-Express pair with integrated series resistor. (no
50ohm s hunt res istor to GND and no 33 ohm s eries resistor needed)
36
ATIG1T_LPRS
OUT
T rue cloc k of low-power differential push-pull PCI-Express pair with integrated series resistor. (no 50ohm shunt
resistor to GND and no 33 ohm series resistor needed)
37
ATIG0C_LPRS
OUT
Complementary cloc k of low-power differential pus h-pull PCI-Express pair with integrated series resistor. (no
50ohm s hunt res istor to GND and no 33 ohm s eries resistor needed)
38
ATIG0T_LPRS
OUT
T rue cloc k of low-power differential push-pull PCI-Express pair with integrated series resistor. (no 50ohm shunt
resistor to GND and no 33 ohm series resistor needed)
39
VDDSATA
PWR
Power supply for SATA core logic, nominal 3.3V
40
SRC6C/SATAC_LPRS
OUT
Complement clock of low power differential SRC/SATA clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
s eries resistor needed
41
SRC6T/SATAT_LPRS
OUT
T rue cloc k of low power differential SRC/SAT A cloc k pair. (no 50ohm shunt resistor to GND and no 33 ohm series
resistor needed
42
GNDSATA
GND
Ground pin for the SRC outputs
43
GNDA
GND
Ground for the Analog Core
44
VDDA
PWR
3.3V Power for the Analog Core
45
CPUKG1C_LPRS/SRC7C_LPRS
OUT
Complementary signal of low-power differential push-pull AMD K8 "Greyhound" clock with integrated series
resistor.(no 33 ohm series resistor needed) / Complement clock of low power differential SRC cloc k pair. (no
50ohm s hunt res istor to GND and no 33 ohm s eries resistor needed
46
CPUKG1T_LPRS/SRC7T_LPRS
OUT
T rue signal of low-power differential push-pull AMD K8 "Greyhound" cloc k with integrated series resistor. (no 33
ohm series res istor needed) / True clock of low power differential SRC cloc k pair. (no 50ohm shunt resistor to GND
and no 33 ohm s eries resistor needed
47
GNDCPU
GND
Ground pin for the CPU outputs
48
VDDCPU
PWR
Supply for CPU core, 3.3V nominal
49
CPUKG0C_LPRS
OUT
Complementary signal of low-power differential push-pull AMD K8 "Greyhound" cloc k with integrated series resistor.
(no 33 ohm series resistor needed)
50
CPUKG0T_LPRS
OUT
T rue signal of low-power differential push-pull AMD K8 "Greyhound" c lock with integrated series resistor.(no 33
ohm series res istor needed)
51
PD#
IN
Enter /Exit Power Down.
0 = Power Down, 1 = normal operation.
52
RESTORE#
I/O
Open Drain I/O. As an input it restores the PLL's to power up default s tate. As an output, this signal is driven low
when the internal watchdog hardware timer expires . It is cleared when the internal watchdog hardware timer is reset
or dis abled. T he input is falling edge triggered.
0 = Restore Settings, 1 = normal operation.
53
GNDHTT
PWR
Ground pin for the HTT outputs
54
HTT0C_LPRS/66M
OUT
Complementary signal of low-power differential push-pull hypertransport clock with integrated series resistor. (no
50ohm s hunt res istor to GND and no 33 ohm s eries resistor needed) / 3.3V single ended 66MHz hyper transport
clock
55
HTT0T_LPRS/66M
OUT
T rue signal of low-power differential push-pull hypertransport clock with integrated s eries resistor. (no 50ohm s hunt
resistor to GND and no 33 ohm series resistor needed) / 3.3V single ended 66MHz hyper transport clock
56
VDDHTT
PWR
Supply for HTT clocks , nominal 3.3V.
57
REF2/SEL_OC_MODE**
I/O
14.318 MHz 3.3V referenc e clock ./ SEl_OC_MODE: latc hed input to select pin functionality
1 = AT IG/SRC PCIE Gen1 Mode with higher overclock ing ability
0 = AT IG/SRC PCIE Gen2 Mode with limited overcloc king ability
58
REF1/SEL_SATA
I/O
14.318 MHz 3.3V referenc e clock ./ 3.3V tolerant latched input to select function of SRC6/SATA output
0 = 100MHz differential spreading SRC clock, 1 = 100MHz non-s preading differential SATA clock
59
REF0/SEL_HT T66
I/O
14.318 MHz 3.3V referenc e clock ./ 3.3V tolerant latched input to select Hyper Transport Clock Frequency.
0 = 100MHz differential HTT cloc k, 1 = 66MHz 3.3V single ended HTT clock
60
VDDREF
PWR
Ref, XTAL power supply , nominal 3.3V
61
GNDREF
GND
Ground pin for the REF outputs.
62
X1
IN
Crystal input, nominally 14.318MHz
63
X2
OUT
Crystal output, nominally 14.318MHz
64
VDD48
PWR
Power pin for the 48MHz outputs and core. 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com