Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS9LPRS477D Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
17
9LPRS477D
REV C 010715
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9LPRS477D. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any
other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over
the recommended operating temperature range.
Electrical Characteristics–Input/Supply/Common Output Parameters
P ARAMETE R
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
3 .3V Core Supply Voltage
VDDxxx
-3.3
GND + 3.9V
V
1
Storage Temperature
Ts
-
-65
150
° C
1
Ambient Operating Temp
Tambient
-
070
°C
1
Case Temperature
Tcase
-
115
°C
1
Input ESD protection HBM
ESD prot
-
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
P ARAMETE R
SYMBOL
CONDITIONS*
MIN
TYP
MAX
UNITS
Notes
3 .3V Core Supply Voltage
VDDxxx
-
3.135
3.3
3.465
V
1
Input High Voltage
VIH
VDD = 3.3 V +/-5%
2
VDD + 0.3
V
1
Input Low Voltage
V
IL
VDD = 3.3 V +/-5%
V
SS - 0 .3
0.8
V
1
Input High Current
I
IH
V
IN = V DD
-5
5
uA
1
IIL1
VIN = 0 V; Inputs with no pull-up
resistors
-5
uA
1
I
IL2
VIN = 0 V ; Inputs with pull-up
resistors
-200
uA
1
Low Thresh old Input-
High Voltage
V IH_FS
VDD = 3.3 V +/-5%
0.7
VDD + 0.3
V
1
Low Thresh old Input-
Low Voltage
VIL_FS
VDD = 3.3 V +/-5%
VSS - 0 .3
0.35
V
1
Operating Current
I
DD3.3OP
all outputs driven
225
mA
1
Powerdown Current
I
DD3.3PD
all diff pairs low/low
12
mA
1
Input Frequency
Fi
VDD = 3.3 V +/-5%
14.31818
MHz
2
Pin Inductance
L pin
7nH
1
CIN
Logic Inputs
5
pF
1
C
OUT
Output pin capacitance
6
pF
1
C
INX
X1 & X 2 pins
5
pF
1
Clk Stabiliza tion
TSTAB
From VDD Power-Up or de-
assertion of PD to 1st cl ock
1.8
ms
1
Modulation Frequency
Triangular Modulation
30
33
kHz
1
Tdrive_PD
CPU output enable after
PD de-assertion
300
us
1
Tfall_ PD
PD fall time of
5
ns
1
Trise_PD
PD rise time of
5
ns
1
SMBus Voltage
VDDSMB
2.7
5.5
V
1
Low-level Output Voltage
V
OL SMB
@ I
PUL LUP
0.4
V
1
Current sinking at
V
OL = 0.4 V
I
PUL LU PSMB
46
mA
1
SMB CLK/SMBDAT
Clock/Data Rise Time
TRSMB
(Max VIL - 0.15) to
(Min V IH + 0.15)
1000
ns
1
SMB CLK/SMBDAT
Clock/Data Fall Time
TFSMB
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
1
*TA = 0 - 70°C; S upply Voltage VDD = 3.3 V +/-5%
1Guaranteed by design and characterization, not 100% tested in production.
Input L ow Current
Input Capacitance
2 Input frequ ency should be measured at the REF pin and tuned to ideal 14.31818MHz to meet ppm frequency accuracy on PLL outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com