Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS9LPRS477D Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
7
9LPRS477D
REV C 010715
Table3: ATIG Frequency Selection Table
Bit3
B it2
Bit1
Bit0
OC
Latch
SB
FS3
SB
FS2
SB
FS1
SB
FS0
0
0
0
0
0
100.00
0%
10
1000.00
0
0
0
0
1
101.00
1%
10
1010.00
0
0
0
1
0
102.00
2%
10
1020.00
0
0
0
1
1
103.00
3%
10
1030.00
0
0
1
0
0
104.00
4%
10
1040.00
0
0
1
0
1
105.00
5%
10
1050.00
0
0
1
1
0
106.00
6%
10
1060.00
0
0
1
1
1
107.00
7%
10
1070.00
0
1
0
0
0
108.00
8%
10
1080.00
0
1
0
0
1
109.00
9%
10
1090.00
0
1
0
1
0
110.00
10%
10
1100.00
0
1
0
1
1
111.00
11%
10
1110.00
0
1
1
0
0
112.00
12%
10
1120.00
0
1
1
0
1
113.00
13%
10
1130.00
0
1
1
1
0
114.00
14%
10
1140.00
0
111
1
100.00
OFF
0%
10
1000.00
1
0
0
0
0
100.00
0%
8
800.00
1
0
0
0
1
101.00
1%
8
808.00
1
0
0
1
0
102.00
2%
8
816.00
1
0
0
1
1
103.00
3%
8
824.00
1
0
1
0
0
104.00
4%
8
832.00
1
0
1
0
1
105.00
5%
8
840.00
1
0
1
1
0
106.00
6%
8
848.00
1
0
1
1
1
107.00
7%
8
856.00
1
1
0
0
0
108.00
8%
8
864.00
1
1
0
0
1
109.00
9%
8
872.00
1
1
0
1
0
110.00
10%
8
880.00
1
1
0
1
1
111.00
11%
8
888.00
1
1
1
0
0
112.00
12%
8
896.00
1
1
1
0
1
113.00
13%
8
904.00
1
1
1
1
0
114.00
14%
8
912.00
1
111
1
100.00
OFF
0%
8
800.00
VCO
(MHz)
Spread
%
(B6b7=1)
ATIG
OverC lock %
ATIG
Output
Divider
ATIG(3:0)
(MHz)
B12b4
Byte 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com