Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ICS9LPRS477D Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 22Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
19
9LPRS477D
REV C 010715
AC Electrical Characteristics–Low-Power DIF Outputs: SRC, SB_SRC, ATIG
Electrical Characteristics–Single-Ended HTT 66MHz Clock
P ARAMETE R
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Rising Edge Slew Rate
tSLR
Differential Measurement
0.6
4
V/ns
1,2
Falling Edge Slew Rate
t
FL R
Differential Measurement
0.6
4
V/ns
1,2
Slew Rate Variation
tSLVAR
Single-ended Measurement
20
%
1
Maximum Output Voltage
V
HIGH
Incl udes overshoot
1150
mV
1
Minimum Output Voltage
VLOW
Includes undershoot
-300
mV
1
Differential Voltage Swing
VSWING
Differential Measurement
300
mV
1
Crossing Point Voltage
VXABS
Single-ended Measurement
300
550
mV
1,3,4
Cro ssing Point Variation
V
XABSVAR
Single-ended Measurement
140
mV
1,3,5
Duty Cycle
D
CYC
Differential Measurement
45
55
%
1
SRC, SB_SRC, ATIG,
Jitter - Cycle to Cycle
SRCJC2C
Differential Measurement
125
ps
1
SRC[5:0] Skew
SRCSKEW
Differential Measurement
250
ps
1
SB _SRC[1:0] Skew
SRCSKEW
Differential Measurement
100
ps
1
ATIG[3:0] Skew
SRC
SKEW
Differential Measurement
100
ps
1
*TA = 0 - 70°C; S upply Voltage VDD = 3.3 V +/-5%, CL = 2pF with Rs = 0Ω (unless otherwise specified)
1Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through Vswing centered around differential zero
3 Vxabs is defined as the voltage where CLK = CLK#
4 Only applies to the differential rising edge (CLK rising and CLK# falling)
6 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of CLK and falling
edge of CLK#. It is measured using a +/-75mV window centered on the average cross point where CLK meets CLK#.
P ARAMETE R
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
33.33MHz output nominal
29.9910
30.0090
ns
2
33.33MHz output spread
29.9910
30.1598
ns
2
66.67MHz output nominal
14.9955
15.0045
ns
2
66.67MHz output spread
14.9955
15.0799
ns
2
Outp ut High Volta ge
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.55
V
1
V OH @MIN = 1.0 V
-33
mA
1
VOH@ MAX = 3.135 V
-33
mA
1
VOL @ MIN = 1.95 V
30
mA
1
V
OL @ MAX = 0.4 V
38
mA
1
Edge Rate
Vt
Rising edge rate
1
4
V/ns
1
Edge Rate
Vt
Falling edge rate
1
4
V/ns
1
Rise Time
t
r1
V
OL = 0.4 V, VOH = 2. 4 V
0.5
2
ns
1
Fall Time
tf1
V OH = 2.4 V, V OL = 0.4 V
0.5
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Jitter, Cycle to cycle
t
j cyc-cyc
V
T = 1.5 V
180
ps
1
*TA = 0 - 70°C; S upply Voltage VDD = 3.3 V +/-5%, CL = 5pF with Rs = 33
Ω (unless otherwise specified)
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed with the assumption that REF is at 14.31818MHz
Output Low Current
I
OL
PCI33 Clock period
Tperiod
HTT66 Clock period
Tperiod
Output High Current
IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com