Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS9LPRS477D Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
11
9LPRS477D
REV C 010715
SMBus Table: SB_SRC Frequency Select Register
Byte
6
Name
Control Function
Type
0
1
Default
Bit 7
ATIG SSEN
ATIG Spread Enable
RW
Disable
Enable
0
Bit 6
SB_SRC/CPU SSEN
SB_SRC/CPU Spread Enable
RW
Disable
Enable
0
Bit 5
SRC SSEN
SRC Spread Enable
RW
Disable
Enable
0
Bit 4
SB _SRC_FS4
SB_SRC Frequen cy Select MSB
RW
0
Bit 3
SB _SRC_FS3
SB_S RC Frequency Select
RW
1
Bit 2
SB _SRC_FS2
SB_SRC Frequency Select
RW
1
Bit 1
SB _SRC_FS1
SB_S RC Frequency Select
RW
1
Bit 0
SB _SRC_FS0
S B_SRC Frequency Select LSB
RW
1
SMBus Table: Device ID register
Byte
7
Name
Control Function
Type
0
1
Default
Bit 7
Device ID7
R
x
Bit 6
Device ID6
R
x
Bit 5
Device ID5
R
x
Bit 4
Device ID4
R
x
Bit 3
Device ID3
R
x
Bit 2
Device ID2
R
x
Bit 1
Device ID1
R
x
Bit 0
Device ID0
R
x
SMBus Table: Vendor & Revision ID Register
Byte
8
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
--
1
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
--
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBus Table: WatchDog Timer Control Register
Byte
9
Name
Control Function
Type
0
1
Default
Bit 7
HWD_EN
Watchdog Hard Alarm Enable
RW
Disable and Reload Hartd Alarm
Timer, Clear WD Hard status bit.
Enable Timer
0
Bit 6
SWD_EN
Watch dog Soft Alarm Enable
RW
Disable
Enable
0
Bit 5
WD Hard Statu s
WD Hard Alarm Status
R
Normal
Alarm
X
Bit 4
WD Soft Status
WD Soft Alarm S tatus
R
Normal
Alarm
X
Bit 3
WDTCtrl
Watch Dog Alarm Time base Control
RW
290ms Base
1160ms Base
0
Bit 2
HWD2
WD Hard Alarm Timer Bit 2
RW
1
Bit 1
HWD1
WD Hard Alarm Timer Bit 1
RW
1
Bit 0
HWD0
WD Hard Alarm Timer Bit 0
RW
1
SMBus Table: WD Timer Safe Frequency Control Register
Byte
10
Name
Control Function
Type
0
1
Default
Bit 7
SWD2
WD Soft Alarm Timer Bit 2
RW
1
Bit 6
SWD1
WD Soft Alarm Timer Bit 1
RW
1
Bit 5
SWD0
WD Soft Alarm Timer Bit 0
RW
1
Bit 4
WD SF4
RW
0
Bit 3
WD SF3
RW
1
Bit 2
WD SF2
RW
1
Bit 1
WD SF1
RW
1
Bit 0
WD SF0
RW
1
SMBus Table: Byte Count Register
Byte
11
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
BC5
Byte Count bit 5 (MSB)
RW
0
Bit 4
BC4
Byte Count bit 4
RW
0
Bit 3
BC3
Byte Count bit 3
RW
1
Bit 2
BC2
Byte Count bit 2
RW
1
Bit 1
BC1
Byte Count bit 1
RW
1
Bit 0
BC0
Byte Count bit 0 (LSB)
RW
1
See S B_SRC Frequency Select Table
Note: SB_SRC and CPU Clo cks are synchronous. Changing this
frequency will alter the SB_SRC and CPU frequency by the same
percentage.
Devi ce ID
75 hex for 9LPRS477
REVISION ID
VENDOR ID
These bits represent the number of Watch Dog Time Base Units that
pass before the Wa tch Alarm expires. Default is 7 X 290ms = 2s.
These bits represent the number of Watch Dog Time Base Units that
pass before the Wa tch Alarm expires. Default is 7 X 290ms = 2s.
Watch Dog Safe Freq Programming
bits
These bits configure the safe frequency that the device returns to if
the Watchdog Timer expires. The value show here corresponds to
the power up default of the device. See the various Frequency
Select Tables for the exact frequ encies.
Reserved
Reserved
Determines the number of bytes that are read back from the device.
Default is 0F hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com