Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9LPRS477D Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
4
9LPRS477D
REV C 010715
Block Diagram
Power Groups
REF
CPUKG(1:0)
OSC
14.318MHz
SS
PLL
SB_SRC
(-0.5% DWN SP)
800MHz
SB_SRC(1:0)
100MHz
HTT 100MHz
48MHz_(1:0)
X1
X2
Fixed PLL4
EXACT 48MHz
200MHz
HTT_100C/66
100MHz
SRC6/SATA
HTT 66MHz
ATIG ZDB PLL
SEL_HTT66
SEL_SATA
HTT_100T/66
ATIG(3:0)
SS PLL
SRC(5:0)
SRC ZDB PLL
400 to 900 MHz
PWD @
600MHz/6
SS
PLL
SB_SRC/SRC
PD#
SEL_SATA
SMBCLK
SMBDAT
RESTORE#
Control
Logic
SEL_HTT66
MODE
SEL_DOC
SEL_OC_MODE
VDD
GND
64
3
USB _48 outputs
11, 1 6
10, 17
SRC differential outputs
25
24
SB _SRC differential outputs
39
42
SRC/SATA differential output
34
28,33
ATIG differential outputs
44
43
Analog, P LL
48
47
CPUK G differential outputs
56
53
HTTCLK output
60
61
REF outputs
Pin Number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com