Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS9LPRS477D Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
12
9LPRS477D
REV C 010715
SMBus Table: M/N Programming Enable and I/O Vout Control Register
Byte
12
Name
Control Function
Type
0
1
Default
Bit 7
CPU M/N En
CPU PLL M/N Prog. Enable
RW
M/N Prog. Disabled
M/N Prog. Enabled
0
Bit 6
SRC M/N En
SRC M/N Prog.Enable
RW
M/N Prog. Disabled
M/N Prog. Enabled
0
Bit 5
ATIG M/N En
ATIG M/N Prog. Enable
RW
M/N Prog. Disabled
M/N Prog. Enabled
0
Bit 4
SB_SRC M/N En
SB_SRC M/N Prog. Enable
RW
M/N Prog. Disabled
M/N Prog. Enabled
0
Bit 3
S EL_OC_MODE readback
OC MODE Select
R
PCIE Gen2 Mode
PCIE Gen1 Mode
Latch
Bit 2
IO_VOUT2
IO Output Voltage Select (Most
Significant B it)
RW
1
Bit 1
IO_VOUT1
IO Output Voltage Select
RW
0
Bit 0
IO_VOUT0
IO Output Voltage Select (Least
Significant B it)
RW
1
Bytes 13/14 are reserved
SMBus Table:Test Mode Register
Byte
15
Name
Control Function
Type
0
1
Default
Bit 7
Test_Sel
Sele cts Test Mode
RW
Normal mode
All ouputs are REF/N
0
Bit 6
SB_S RC Source
SB_S RC Source Sel ection
RW
SB_SRC PLL
SRC PLL
1
Bit 5
ATIG PLL
ATIG PLL DOC pin control
RW
DOC0
DOC1
0
Bit 4
CPU PLL
CPU PLL DOC pin control
RW
DOC0
DOC1
0
Bit 3
SRC PLL
SRC PLL DOC pin control
RW
DOC0
DOC1
0
Bit 2
ATIG PLL
ATIG PLL DOC0 2 pin control
RW
Disable
Enable
0
Bit 1
CPU PLL
CPU PLL DOC0 2 pin control
RW
Disable
Enable
0
Bit 0
SRC PLL
SRC PLL DOC0 2 pin control
RW
Disable
Enable
0
SMBus Table: CPU PLL Frequency Control Register
Byte
16
Name
Control Function
Type
0
1
Default
Bit 7
N Div2
N Divider Prog bit 2
RW
X
Bit 6
N Div1
N Divider Prog bit 1
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
SMBus Table: CPU PLL Frequency Control Register
Byte
17
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBus Table: SB_SRC PLL Spread Spectrum Control Register
Byte
18
Name
Control Function
Type
0
1
Default
Bit 7
SSP7
RW
X
Bit 6
SSP6
RW
X
Bit 5
SSP5
RW
X
Bit 4
SSP4
RW
X
Bit 3
SSP3
RW
X
Bit 2
SSP2
RW
X
Bit 1
SSP1
RW
X
Bit 0
SSP0
RW
X
SMBus Table: SB_SRC PLL Spread Spectrum Control Register
Byte
19
Name
Control Function
Type
0
1
Default
Bit 7
SSP15
RW
X
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
See Table 5: V_IO Sele ction
(Default is 0.8V)
The decimal representation of M and N Divider in Byte 16 and 17 will
configure the VCO frequency. Default at power up = Byte 3 Rom
table. See M/N Caculation Tables for VCO frequency formulas.
M Divider Programming bits
N Divider Programming b(10:3)
The decimal representation of M and N Divider in Byte 16 and 17 will
configure the VCO frequency. Default at power up = Byte 3 Rom
table. See M/N Caculation Tables for VCO frequency formulas.
Spread Spectrum P rogramming
b(7:0)
These bits set the SB_S RC spread pecentage.Please contact IDT
for the appropriate values.
Spread Spectrum P rogramming
b(15:8)
These bits set the SB_S RC spread pecentage.Please contact IDT
for the appropriate values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com