Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICS9LPRS477D Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 22Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 23Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
20
9LPRS477D
REV C 010715
Electrical Characteristics–USB - 48MHz
Electrical Characteristics–REF-14.318MHz
P ARAMETE R
SYMBOL
CONDITIONS*
MIN
TYP
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
1,2
Clock period
T
peri od
48.00MHz output nominal
20.8229
20.8344
ns
2
Clock Low Time
T
low
Measure from < 0.6V
9.3750
11.4580
ns
2
Clock High Time
T
high
Measure from > 2.0V
9.3750
11.4580
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.55
V
1
V
OH @ MIN = 1.0 V
-33
mA
1
V
OH @MAX = 3.135 V
-33
mA
1
VOL @ MIN = 1.95 V
30
mA
1
V OL @ MAX = 0.4 V
38
mA
1
Rise Time
t
r_USB
V
OL = 0.4 V , VOH = 2. 4 V
0.5
1.5
ns
1
Fall Time
t
f_ USB
V
OH = 2.4 V, VOL = 0. 4 V
0.5
1.5
ns
1
Duty Cycle
d
t1
VT = 1.5 V
45
55
%1
Group S kew
tskew
VT = 1.5 V
250
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
130
ps
1,2
*TA = 0 - 70°C; S upply Voltage VDD = 3.3 V +/-5%, CL = 5pF with Rs = 33Ω (unless otherwise specified)
1Guaranteed by design and characterization, not 100% tested in production.
2 IDT recommended and/or chipset vendor layout guidelines must be followed to meet this specification
Output High Current
I
OH
Output Low Current
IOL
P ARAMETE R
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
Clock period
Tperiod
14.318MHz output nominal
69.8270
69.8550
ns
2
Clock Low Time
T
low
Measure from < 0.6V
30.9290
37.9130
ns
2
Clock High Time
T
high
Measure from > 2.0V
30.9290
37.9130
ns
2
Outp ut High Volta ge
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Output High Current
IOH
V
OH @MIN = 1.0 V ,
VOH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
IOL
VOL @MIN = 1.95 V,
V
OL @MAX = 0.4 V
29
27
mA
1
Rise Time
tr1
V OL = 0.4 V, VOH = 2.4 V
1
1.5
ns
1
Fall Time
t
f1
V
OH = 2.4 V, V OL = 0. 4 V
11.5
ns
1
Skew
t
sk1
V
T = 1.5 V
250
ps
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Ji tter
tjcyc-cyc
VT = 1.5 V
200
ps
1
*TA = 0 - 70°C; S upply Voltage VDD = 3.3 V +/-5%, CL = 5pF with Rs = 33Ω (unless otherwise specified)
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com