Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9LPRS477D Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DATASHEET
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
9LPRS477D
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
1
9LPRS477D
REV C 010715
General Description
The 9LPRS477D is a main clock synthesizer chip that
provides all clocks required for ATI RD7xx-based systems
using AMD processors. An SMBus interface allows full
control of the device.
Recommended Application
ATI RS780/RS790/RD790/RS880 systems using AMD K8
processors
Output Features
• 2 - Greyhound compatible K8 CPU pairs
• 6 - low-power differential SRC pairs
• 2 - low-power differential SouthBridge SRC pairs
• 4 - low-power differential ATIG pairs
• 1 - Selectable low-power differential 100MHz non-spread
SATA/ SRC output
• 1 - Selectable 100MHz low-power differential/ 66 MHz
single-ended HTT clock
• 2 - 48MHz USB clocks
• 3 - 14.318MHz Reference clocks
Features/Benefits
• CPU, ATIG, SB_SRC and SRC outputs are
independently programmable for frequency
• Spread Spectrum for EMI reduction
• Outputs may be disabled via SMBus
• External crystal load capacitors for maximum frequency
accuracy
• Meets PCIEX Gen2 specifications
• Meets 30kHz to 33kHz SRC modulation rate specification
for USB3.0
Key Specifications
• CPU outputs cycle-to-cycle jitter < 85ps
• SRC outputs cycle-to-cycle jitter < 125ps
• ATIG outputs cycle-to-cycle jitter < 125ps
• ± 300ppm frequency accuracy on CPU, SRC & ATIG
clocks
Pin Configuration
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
**SEL_DOC/48MHz_1 1
48 VDDCPU
**SEL_CPU1#/48MHz_0 2
47 GNDCPU
GND48 3
46 CPUKG1T_LPRS/SRC7T_LPRS
SMBCLK 4
45 CPUKG1C _LPRS/SRC7C_LPRS
SMBDAT 5
44 VDDA
**DOC_0/SRC5C_LPRS 6
43 GNDA
**DOC_1/SRC5T_LPRS 7
42 GNDSATA
SRC4C_LPRS 8
41 SRC6T/SATAT_LPRS
SRC4T_LPRS 9
40 SRC6C/SATAC_LPRS
GNDSRC 10
39 VDDSATA
VDDSRC 11
38 ATIG0T_LPRS
SRC3C_LPRS 12
37 ATIG0C_LPRS
SRC3T_LPRS 13
36 ATIG1T_LPRS
SRC2C_LPRS 14
35 ATIG1C_LPRS
SRC2T_LPRS 15
34 VDDATIG
VDDSRC 16
33 GNDATIG
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
ICS9LPRS477D
64-Pin MLF
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor


Similar Part No. - ICS9LPRS477D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9LPRS477C RENESAS-ICS9LPRS477C Datasheet
416Kb / 25P
Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
1393 01/28/14
More results

Similar Description - ICS9LPRS477D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
Programmable System Clock Chip for ATI RS400 P4-based Systems
logo
Integrated Device Techn...
ICS951464 IDT-ICS951464 Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
ICS9LPRS480 IDT-ICS9LPRS480 Datasheet
255Kb / 25P
Programmable System Clock Chip for ATI RS780 - K8TM based Systems
ICS951464AGLF IDT-ICS951464AGLF Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8??- based Systems
logo
Renesas Technology Corp
9LPRS471C RENESAS-9LPRS471C Datasheet
423Kb / 23P
Programmable System Clock Chip for ATI RS790 - K8TM based Systems
05/23/12
9LPRS477C RENESAS-9LPRS477C Datasheet
416Kb / 25P
Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
1393 01/28/14
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
System Clock Chip for ATI RS480 K8-based Systems
2019
ICS951413 RENESAS-ICS951413 Datasheet
422Kb / 25P
Programmable System Clock Chip for ATI RS400 P4TM-based Systems
2019
ICS951462 RENESAS-ICS951462 Datasheet
436Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 - K8TM based Systems
2019
ICS951464 RENESAS-ICS951464 Datasheet
387Kb / 25P
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com