Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS9LPRS477D Datasheet HTML 17Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 18Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 19Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 20Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 21Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 22Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 23Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 24Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
21
9LPRS477D
REV C 010715
Clock Jitter Specifications–Low Power Differential Outputs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
t
jp ha sePLL
PCIe Gen 1
86
ps (p-p)
1,2
t
jp ha seLo
PCIe Gen 2
10kHz < f < 1.5MHz
3
ps
(RMS)
1,4
t
j pha seH igh
PCIe Gen 2
1.5MHz < f < Nyquist (50MHz)
3.1
ps
(RMS)
1,4
*TA = 0 - 70°C; S upply Voltage VDD = 3.3V +/-5%, Rs = 0ohms, CL = 2pF
4See http://www.pcisig.com for complete specs
SRC/SB_SRC/ATIG
Phase Jitter
1 Unless otherwise noted, guaranteed by design and characterization, not 100% tested in production.
2JItter specs are specified as measured on a clock characterization board. System designers need to take special care not to use these
numbers, as the in-system performance will be somewhat degraded. The receiver EMTS (chi spet or CPU) will have the rece
3 Phase jitter requirement: The deisgnated Gen2 outputs will meet the reference clock jitter requiremernts from the PCI Express Gen2 Base
Spec. The test is performed on a componnet test board under quiet condittions with all outputs on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com