Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9LPRS477D Datasheet HTML 1Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 2Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 3Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 4Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 5Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 6Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 7Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 8Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
2
9LPRS477D
REV C 010715
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
**SEL_DOC/48MHz _1
I/O
SEl_DOC: latched input to s elect pin functionality
1 = DOC input.
0 = SRCCLK5
/ 48MHz cloc k output.
2
**SEL_CPU1#/48MHz_0
I/O
SEL_CPU1 latched input to selec t pin functionality
1 = SRCCLK7
0 = CPUKG1
/ 48MHz cloc k output.
3
GND48
GND
Ground pin for the 48MHz outputs
4SMBCLK
IN
Clock pin of SMBus c ircuitry, 5V tolerant.
5SMBDAT
I/O
Data pin for SMBus circuitry, 5V tolerant.
6
**DOC_0/SRC5C_LPRS
OUT
Dynamic Over Clock ing pin: real time frequency selection 0: Normal; 1: Frequency will transition to a
preprogrammed value in the I2c.
/ Complement clock of low power differential SRC c lock pair. (no 50ohm shunt resistor to GND and no 33 ohm
s eries resistor needed
7
**DOC_1/SRC5T_LPRS
OUT
Dynamic Over Clock ing pin: real time frequency selection 0: Normal; 1: Frequency will transition to a
preprogrammed value in the I2c.
/ True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm series
resistor needed
8
SRC4C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND and no
33 ohm series resistor needed
9
SRC4T_LPRS
OUT
T rue cloc k of low power differential SRC clock pair. (no 50ohm s hunt res istor to GND and no 33 ohm s eries
resistor needed
10
GNDSRC
GND
Ground pin for the SRC outputs
11
VDDSRC
PWR
Supply for SRC core, 3.3V nominal
12
SRC3C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND and no
33 ohm series resistor needed
13
SRC3T_LPRS
OUT
T rue cloc k of low power differential SRC clock pair. (no 50ohm s hunt res istor to GND and no 33 ohm s eries
resistor needed
14
SRC2C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND and no
33 ohm series resistor needed
15
SRC2T_LPRS
OUT
T rue cloc k of low power differential SRC clock pair. (no 50ohm s hunt res istor to GND and no 33 ohm s eries
resistor needed
16
VDDSRC
PWR
Supply for SRC core, 3.3V nominal
17
GNDSRC
GND
Ground pin for the SRC outputs
18
SRC1C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND and no
33 ohm series resistor needed
19
SRC1T_LPRS
OUT
T rue cloc k of low power differential SRC clock pair. (no 50ohm s hunt res istor to GND and no 33 ohm s eries
resistor needed
20
SRC0C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND and no
33 ohm series resistor needed
21
SRC0T_LPRS
OUT
T rue cloc k of low power differential SRC clock pair. (no 50ohm s hunt res istor to GND and no 33 ohm s eries
resistor needed
22
SB_SRC1C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND and no
33 ohm series resistor needed
23
SB_SRC1T_LPRS
OUT
T rue cloc k of low power differential SouthBridge SRC clock pair. (no 50ohm shunt res istor to GND and no 33 ohm
s eries resistor needed
24
GNDSB_SRC
GND
Ground pin for the SB_SRC outputs
25
VDDSB_SRC
PWR
Supply for SRC core, 3.3V nominal
26
SB_SRC0C_LPRS
OUT
Complement clock of low power differential SouthBridge SRC clock pair. (no 50ohm shunt resistor to GND and no
33 ohm series resistor needed
27
SB_SRC0T_LPRS
OUT
T rue cloc k of low power differential SouthBridge SRC clock pair. (no 50ohm shunt res istor to GND and no 33 ohm
s eries resistor needed
28
GNDATIG
GND
Ground pin for the ATIG outputs
29
ATIG3C_LPRS
OUT
Complementary cloc k of low-power differential pus h-pull PCI-Express pair with integrated series resistor. (no
50ohm s hunt res istor to GND and no 33 ohm s eries resistor needed)
30
ATIG3T_LPRS
OUT
T rue cloc k of low-power differential push-pull PCI-Express pair with integrated series resistor. (no 50ohm shunt
resistor to GND and no 33 ohm series resistor needed)
31
ATIG2C_LPRS
OUT
Complementary cloc k of low-power differential pus h-pull PCI-Express pair with integrated series resistor. (no
50ohm s hunt res istor to GND and no 33 ohm s eries resistor needed)
32
ATIG2T_LPRS
OUT
T rue cloc k of low-power differential push-pull PCI-Express pair with integrated series resistor. (no 50ohm shunt
resistor to GND and no 33 ohm series resistor needed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com