Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS477D Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS9LPRS477D
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPRS477D Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9LPRS477D Datasheet HTML 9Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 10Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 11Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 12Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 13Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 14Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 15Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 16Page - Renesas Technology Corp ICS9LPRS477D Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
9LPRS477D
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
IDT®
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
13
9LPRS477D
REV C 010715
SMBUS Table: CPU Output Divider Register
Byte
20
Name
Control Function
Type
0
1
Default
Bit 7
CPU NDiv0
LSB N Di vider Programming
RW
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
CPUDiv3
RW
0000:/2 ; 0100:/4
1000:/8 ; 1100:/16
X
Bit 2
CPUDiv2
RW
0001:/3 ; 0101:/6
1001:/12 ; 1101:/24
X
Bit 1
CPUDiv1
RW
0010:/5 ; 0110:/10
1010:/20 ; 1110:/40
X
Bit 0
CPUDiv0
RW
0011:/9 ; 0111:/18
1011:/36 ; 1111:/72
X
SMBUS Table: SR C Frequency Control Register
Byte
21
Name
Control Function
Type
0
1
Default
Bit 7
N Div2
N Divider Prog bit 2
RW
X
Bit 6
N Div1
N Divider Prog bit 1
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
SMBUS Table: SR C Frequency Control Register
Byte
22
Name
Control Function
Type
0
1
Default
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
SMBUS Table: SR C Spread Spectrum Control Register
Byte
23
Name
Control Function
Type
0
1
Default
Bit 7
SSP7
RW
X
Bit 6
SSP6
RW
X
Bit 5
SSP5
RW
X
Bit 4
SSP4
RW
X
Bit 3
SSP3
RW
X
Bit 2
SSP2
RW
X
Bit 1
SSP1
RW
X
Bit 0
SSP0
RW
X
SMBUS Table: SR C Spread Spectrum Control Register
Byte
24
Name
Control Function
Type
0
1
Default
Bit 7
SSP15
RW
X
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
SMBUS Table: SR C Output Divider Control R egister
Byte
25
Name
Control Function
Type
0
1
Default
Bit 7
SB_SRC NDiv0
LSB N Di vider Programming
RW
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
SRCDiv3
RW
0000:/2 ; 0100:/4
1000:/8 ; 1100:/16
X
Bit 2
SRCDiv2
RW
0001:/3 ; 0101:/6
1001:/12 ; 1101:/24
X
Bit 1
SRCDiv1
RW
0010:/5 ; 0110:/10
1010:/20 ; 1110:/40
X
Bit 0
SRCDiv0
RW
0011:/9 ; 0111:/18
1011:/36 ; 1111:/72
X
Byte 28 has the N Divider LSB (bit 0) for CPU M/N programming.
Reserved
Reserved
Reserved
CP U Divider Ratio Programming Bits
The decimal representation of M and N Divider in Byte 21 and 22
configure the SRC VCO fre quency. See M/N Caculation Tables for
VCO frequency formulas.
M Divider Programming
bit (5:0)
N Divider Programming Byte16
bit(7:0) and Byte15 bit(7:6)
The decimal representation of M and N Divider in Byte 21 and 22
configure the SRC VCO fre quency. See M/N Caculation Tables for
VCO frequency formulas.
Spread Spectrum P rogramming
bit(7:0)
These bits set the SRC spread pecentages.Please contact IDT for
the appropriate values.
Spread Spectrum P rogramming
bi t(15:8)
These bits set the SRC spread pecentages.Please contact IDT for
the appropriate values.
N Divider LSB (bit 0) for SRC M/N programming.
Reserved
Reserved
Reserved
SRC Divider Ratio Programming Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com