Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 36 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7142 Datasheet HTML 32Page - Analog Devices AD7142 Datasheet HTML 33Page - Analog Devices AD7142 Datasheet HTML 34Page - Analog Devices AD7142 Datasheet HTML 35Page - Analog Devices AD7142 Datasheet HTML 36Page - Analog Devices AD7142 Datasheet HTML 37Page - Analog Devices AD7142 Datasheet HTML 38Page - Analog Devices AD7142 Datasheet HTML 39Page - Analog Devices AD7142 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
AD7142
Rev. 0 | Page 36 of 68
POWER-UP SEQUENCE
When the AD7142 is powered up, the following sequence is
recommended when initially developing the AD7142 and μP
serial interface:
1.
Turn on the power supplies to the AD7142.
2.
Write to the Bank 2 registers at Address 0x080 through
Address 0x0DF. These registers are contiguous so a
sequential register write sequence can be applied.
Note: The Bank 2 register values are unique for each
application. Register values are provided by Analog
Devices after the sensor board has been developed.
3.
Write to the Bank 1 registers at Address 0x000 through
Address 0x007 as outlined below. These registers are
contiguous so a sequential register write sequence can be
applied (see Figure 45 and Figure 50).
Caution: At this time, Address 0x001 must remain set to
default value 0x0000 during this contiguous write
operation.
Register values:
Address 0x000 = 0x00B2
Address 0x001 = 0x0000
Address 0x002 = 0x0690
Address 0x003 = 0x0664
Address 0x004 = 0x290F
Address 0x005 = 0x0000
Address 0x006 = 0x0000
Address 0x007 = 0x0001 (The AD7142 interrupt is asserted
approximately every 37 ms.)
4.
Write to the Bank 1 register, Address 0x001 = 0x0FFF.
5.
Read back the corresponding interrupt status register at
Address 0x008, Address 0x009, or Address 0x00A. This is
determined by the interrupt output configuration as
explained in the Interrupt Output section.
Note: The specific registers required to be readback depend
on each application. Analog Devices provides this
information after the sensor board has been developed.
6.
Repeat Step 5 every time INT is asserted.
FIRST CONVERSION SEQUENCE
CONVERSION
STAGE
0
CONVERSION STAGES DISABLED
12
34
5
6
78
9
10 11
0
12
910 11
0
1
2
910 11
0
1
SECOND CONVERSION
SEQUENCE
THIRD CONVERSION
SEQUENCE
Figure 54. Recommended Start-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com