Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7142 Datasheet HTML 25Page - Analog Devices AD7142 Datasheet HTML 26Page - Analog Devices AD7142 Datasheet HTML 27Page - Analog Devices AD7142 Datasheet HTML 28Page - Analog Devices AD7142 Datasheet HTML 29Page - Analog Devices AD7142 Datasheet HTML 30Page - Analog Devices AD7142 Datasheet HTML 31Page - Analog Devices AD7142 Datasheet HTML 32Page - Analog Devices AD7142 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
AD7142
Rev. 0 | Page 29 of 68
OUTPUTS
EXCITATION SOURCE
The excitation source on board the AD7142 is a square wave
source with a frequency of 240 kHz. This excitation source
forms the electric field between the transmitter and receiver in
the external capacitance sensor PCB. The source is output from
the AD7142 on two pins, the SRC pin and the SRC pin (outputs
an inverted version of the source square wave). The SRC signal
offsets large external sensor capacitances. SRC is not used in the
majority of applications.
The source output can be disabled from both output pins
separately by writing to the control register bits (Address
0x000[13:12]). Setting Bit 12 in this register to 1 disables the
source output on the SRC pin. Setting Bit 13 in this register to 1
disables the inverted source output on the SRC pin.
CSHIELD OUTPUT
To prevent leakage from the external capacitance sensors, the
sensor traces are shielded. The AD7142 has a voltage output
that can be used as the potential for any shield traces, CSHIELD.
The CSHIELD voltage is equal to AVDD/2.
The CSHIELD potential is derived from the output of the AD7142
internal amplifier, and is of equal potential to the CIN input
lines. Because the shield is at the same potential as the sensor
traces, no leakage to ground occurs. To eliminate any ringing on
the CSHIELD output, connect a 10 nF capacitor between the
CSHIELD pin and ground.
For 4-layer sensors, CSHIELD is connected to a copper plane
around the sensors on layers 2, 3, and 4. A ground copper plane
is used on Layer 1 around the source electrodes. On a 2-layer
sensor, CSHIELD is connected to a copper plane around the
sensors on the bottom layer. A ground copper plane is used on
the top layer around the source electrodes.
Figure 42 shows how the sensor traces are shielded by running
traces connected to the shield potential around the sensor traces.
10nF
AD7142
Figure 42. Shielding the Sensor Traces
GPIO
The AD7142 has one GPIO pin located at Pin 26. It can be
configured as an input or an output. The GPIO_SETUP Bits[13:12]
in the interrupt enable register determine how the GPIO pin is
configured.
Table 15. GPIO_SETUP Bits
GPIO_SETUP
GPIO Configuration
00
GPIO disabled
01
Input
10
Output low
11
Output high
When the GPIO is configured as an output, the voltage level on
the pin is set to either a low level or a high level, as defined by
the GPIO_SETUP bits shown in Table 15.
When the GPIO is configured as an input, the
GPIO_INPUT_CONFIG bits in the interrupt enable register
determine the response of the AD7142 to a signal on the GPIO
pin. The GPIO can be configured as either active high or active
low, as well as either edge triggered or level triggered, as listed
in Table 16.
Table 16. GPIO_INPUT_CONFIG Bits
GPIO_INPUT_CONFIG
GPIO Configuration
00
Triggered on negative level
(active low)
01
Triggered on positive edge
(active high)
10
Triggered on negative edge
(active low)
11
Triggered on positive level
(active high)
When GPIO is configured as an input, it triggers the interrupt
output on the AD7142. Table 14 lists the interrupt output
behavior for each of the GPIO configuration setups.
USING THE GPIO TO TURN ON/OFF AN LED
The GPIO on the AD7142 can be used to turn on and off LEDs
by setting the GPIO as either output high or low. Setting the
GPIO output high turns on the LED; setting the GPIO output
low turns off the LED. The GPIO pin connects to a transistor
that provides the drive current for the LED. Suitable transistors
include the KTC3875.
AD7142
GPIO
VCC
KTC3875
OR SIMILAR
Figure 43. Controlling LEDs Using the GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com