Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 3 Page - Analog Devices

  AD7142 Datasheet HTML 1Page - Analog Devices AD7142 Datasheet HTML 2Page - Analog Devices AD7142 Datasheet HTML 3Page - Analog Devices AD7142 Datasheet HTML 4Page - Analog Devices AD7142 Datasheet HTML 5Page - Analog Devices AD7142 Datasheet HTML 6Page - Analog Devices AD7142 Datasheet HTML 7Page - Analog Devices AD7142 Datasheet HTML 8Page - Analog Devices AD7142 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
AD7142
Rev. 0 | Page 3 of 68
SPECIFICATIONS
AVCC, DVCC = 2.6 V to 3.6 V, TA = −40oC to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CAPACITANCE-TO-DIGITAL CONVERTER
Update Rate
35.45
36.86
38.4
ms
12 conversion stages in sequencer,
decimation = 256
Resolution
16
Bit
CIN Input Range1
±2
pF
No Missing Codes
16
Bit
Guaranteed by design, but not production
tested
CIN Input Leakage
25
nA
Total Unadjusted Error
±20
%
Output Noise (Peak-to-Peak)
7
Codes
Decimation rate = 128
3
Codes
Decimation rate = 256
Output Noise (RMS)
0.8
Codes
Decimation rate = 128
0.5
Codes
Decimation rate = 256
Parasitic Capacitance
40
pF
Parasitic capacitance to ground, per CIN input
guaranteed by characterization
CBULK Offset Range1
±20
pF
CBULK Offset Resolution
156.25
fF
Low Power Mode Delay Accuracy
4
%
% of 200 ms, 400 ms, 600 ms, or 800 ms
EXCITATION SOURCE
Frequency
240
250
260
kHz
Output Voltage
AVCC
V
Short-Circuit Source Current
20
mA
Short-Circuit Sink Current
50
mA
Maximum Output Load
250
pF
Capacitance load on source to ground
CSHIELD Output Drive
10
μA
CSHIELD Bias Level
AVCC/2
V
LOGIC INPUTS (SDI, SCLK, CS, SDA, GPI TEST)
VIH Input High Voltage
0.7 x VDRIVE
V
VIL Input Low Voltage
0.4
V
IIH Input High Voltage
−1
μA
VIN = VDRIVE
IIL Input Low Voltage
1
μA
VIN = DGND
Hysteresis
150
mV
OPEN-DRAIN OUTPUTS (SCLK, SDA, INT)
VOL Output Low Voltage
0.4
V
ISINK = −1 mA
IOH Output High Leakage Current
+0.1
±1
μA
VOUT = VDRIVE
LOGIC OUTPUTS (SDO, GPO)
VOL Output Low Voltage
0.4
V
ISINK = 1 mA, VDRIVE = 1.65 V to 3.6 V
VOH Output High Voltage
VDRIVE − 0.6
V
ISOURCE = 1 mA, VDRIVE = 1.65 V to 3.6 V
SDO Floating State Leakage Current
±1
μA
Pin three-state, leakage measured to GND and
DVCC
GPO Floating State Leakage Current
−5
+2
μA
Pin three-state, leakage measured to GND and
DVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com