Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7142 Datasheet HTML 6Page - Analog Devices AD7142 Datasheet HTML 7Page - Analog Devices AD7142 Datasheet HTML 8Page - Analog Devices AD7142 Datasheet HTML 9Page - Analog Devices AD7142 Datasheet HTML 10Page - Analog Devices AD7142 Datasheet HTML 11Page - Analog Devices AD7142 Datasheet HTML 12Page - Analog Devices AD7142 Datasheet HTML 13Page - Analog Devices AD7142 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
AD7142
Rev. 0 | Page 10 of 68
960
780
800
820
840
860
880
900
920
940
–40
120
100
3.6V
3.3V
2.7V
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 12. Supply Current vs. Temperature (Supply Current = AICC + DICC)
12
10
8
6
4
2
0
–40
120
100
80
60
40
2.7V
3.3V
20
0
–20
TEMPERATURE (°C)
3.6V
Figure 13. Shutdown Supply Current vs. Temperature
(Supply Current = AICC + DICC)
2.5
2.0
1.5
1.0
0.5
0
10
10M
100k
1k
FREQUENCY (Hz)
100mV
200mV
300mV
400mV
500mV
Figure 14. Power Supply Sine Wave Rejection
180
160
140
120
100
80
60
40
20
0
100
10M
25mV
100mV
200mV
300mV
1M
10k
100k
1k
SQUARE WAVE FREQUENCY (Hz)
50mV
Figure 15. Power Supply Square Wave Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com