Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7142 Datasheet HTML 21Page - Analog Devices AD7142 Datasheet HTML 22Page - Analog Devices AD7142 Datasheet HTML 23Page - Analog Devices AD7142 Datasheet HTML 24Page - Analog Devices AD7142 Datasheet HTML 25Page - Analog Devices AD7142 Datasheet HTML 26Page - Analog Devices AD7142 Datasheet HTML 27Page - Analog Devices AD7142 Datasheet HTML 28Page - Analog Devices AD7142 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
AD7142
Rev. 0 | Page 25 of 68
INTERRUPT OUTPUT
The AD7142 has an interrupt output that triggers an interrupt
service routine on the host processor. The INT signal is on
Pin 25, and is an open-drain output. There are three types of
interrupt events on the AD7142: a CDC conversion complete
interrupt, a sensor threshold interrupt, and a GPIO interrupt.
Each interrupt has enable and status registers. The conversion
complete and sensor threshold interrupts can be enabled on a
per conversion stage basis. The status registers indicate what
type of interrupt triggered the INT pin. Status registers are
cleared, and the INT signal is reset high, during a read
operation. The signal returns high as soon as the read address
has been set up.
CDC CONVERSION COMPLETE INTERRUPT
The AD7142 interrupt signal asserts low to indicate the
completion of a conversion stage, and new conversion result
data is available in the registers.
The interrupt can be independently enabled for each conversion
stage. Each conversion stage complete interrupt can be enabled via
the STAGE_COMPLETE_EN register (Address 0x007). This
register has a bit that corresponds to each conversion stage. Setting
this bit to 1 enables the interrupt for that stage. Clearing this bit to 0
disables the conversion complete interrupt for that stage.
In normal operation, the AD7142’s interrupt is enabled only for the
last stage in a conversion sequence. For example, if there are five
conversion stages, the conversion complete interrupt for STAGE4 is
enabled. INT only asserts when all five conversion stages are
complete, and the host can read new data from all five result
registers. The interrupt is cleared by reading the
STAGE_COMPLETE_STATUS_INT register located at Address
0x00A.
Register 0x00A is the conversion complete interrupt status
register. Each bit in this register corresponds to a conversion
stage. If a bit is set, it means that the conversion complete
interrupt for the corresponding stage was triggered. This
register is cleared on a read, provided the underlying condition
that triggered the interrupt has gone away.
SENSOR TOUCH INTERRUPT
The sensor touch interrupt mode is implemented when the host
processor requires an interrupt only when a sensor is contacted.
Configuring the AD7142 into this mode results in the interrupt
being asserted when the user makes contact with the sensor and
again when the user lifts off the sensor. The second interrupt is
required to alert the host processor that the user is no longer
contacting the sensor.
The registers located at Address 0x005 and Address 0x006 are
used to enable the interrupt output for each stage. The registers
located at Address 0x008 and Address 0x009 are used to read
back the interrupt status for each stage.
Figure 35 shows the interrupt output timing during contact with
one of the sensors connected to STAGE0 while operating in the
sensor touch interrupt mode. For a low limit configuration, the
interrupt output is asserted as soon as the sensor is contacted and
again after the user has stopped contacting the sensor.
Note: The interrupt output remains low until the host processor
reads back the interrupt status registers located at Address
0x008 and Address 0x009.
The interrupt output is asserted when there is a change in the
threshold status bits. This could indicate that a user is now
touching the sensor(s) for the first time, the number of sensors
being touched has changed, or the user is no longer touching
the sensor(s). Reading the status bits in the interrupt status
register shows the current sensor activations.
4
2
CONVERSION
STAGE
SERIAL
READ BACK
NOTES:
1. USER TOUCHING DOWN ON SENSOR
2. ADDRESS 0X008 READ BACKTO CLEAR INTERRUPT
3. USER LIFTING OFF OF SENSOR
4. ADDRESS 0X008 READ BACK TO CLEAR INTERRUPT
STAGE0
STAGE1
INT OUTPUT
Figure 35. Example of Sensor Touch Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com