Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 48 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD7142 Datasheet HTML 44Page - Analog Devices AD7142 Datasheet HTML 45Page - Analog Devices AD7142 Datasheet HTML 46Page - Analog Devices AD7142 Datasheet HTML 47Page - Analog Devices AD7142 Datasheet HTML 48Page - Analog Devices AD7142 Datasheet HTML 49Page - Analog Devices AD7142 Datasheet HTML 50Page - Analog Devices AD7142 Datasheet HTML 51Page - Analog Devices AD7142 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
AD7142
Rev. 0 | Page 48 of 68
BANK 2 REGISTERS
All address values are expressed in hexadecimal.
Table 33. STAGE0 Configuration Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x080
[15:0]
X
R/W
STAGE0_CONNECTION[6:0]
STAGE0 CIN(6:0) connection setup (see Table 45)
0x081
[15:0]
X
R/W
STAGE0_CONNECTION[13:7]
STAGE0 CIN(13:7) connection setup (see Table 46)
0x082
[15:0]
X
R/W
STAGE0_AFE_OFFSET
STAGE0 AFE offset control (see Table 47)
0x083
[15:0]
X
R/W
STAGE0_SENSITIVITY
STAGE0 sensitivity control (see Table 48)
0x084
[15:0]
X
R/W
STAGE0_OFFSET_LOW
STAGE0 initial offset low value
0x085
[15:0]
X
R/W
STAGE0_OFFSET_HIGH
STAGE0 initial offset high value
0x086
[15:0]
X
R/W
STAGE0_OFFSET_HIGH_CLAMP
STAGE0 offset high clamp value
0x087
[15:0]
X
R/W
STAGE0_ OFFSET_LOW_CLAMP
STAGE0 offset low clamp value
Table 34. STAGE1 Configuration Registers
Address
Data
Bit
Default
Value
Type
Name
Description
0x088
[15:0]
X
R/W
STAGE1_CONNECTION[6:0]
STAGE1 CIN(6:0) connection setup (see Table 45)
0x089
[15:0]
X
R/W
STAGE1_CONNECTION[13:7]
STAGE1 CIN(13:7) connection setup (see Table 46)
0x08A
[15:0]
X
R/W
STAGE1_AFE_OFFSET
STAGE1 AFE offset control (see Table 47)
0x08B
[15:0]
X
R/W
STAGE1_SENSITIVITY
STAGE1 sensitivity control (see Table 48)
0x08C
[15:0]
X
R/W
STAGE1_OFFSET_LOW
STAGE1 initial offset low value
0x08D
[15:0]
X
R/W
STAGE1_OFFSET_HIGH
STAGE1 initial offset high value
0x08E
[15:0]
X
R/W
STAGE1_OFFSET_HIGH_CLAMP
STAGE1 offset high clamp value
0x08F
[15:0]
X
R/W
STAGE1_OFFSET_LOW_CLAMP
STAGE1 offset low clamp value
Table 35. STAGE2 Configuration Registers
Address
Data
Bit
Default
Value
Type
Name
Description
0x090
[15:0]
X
R/W
STAGE2_CONNECTION[6:0]
STAGE2 CIN(6:0) connection setup (see Table 45)
0x091
[15:0]
X
R/W
STAGE2_CONNECTION[13:7]
STAGE2 CIN(13:7) connection setup (see Table 46)
0x092
[15:0]
X
R/W
STAGE2_AFE_OFFSET
STAGE2 AFE offset control (see Table 47)
0x093
[15:0]
X
R/W
STAGE2_SENSITIVITY
STAGE2 sensitivity control (see Table 48)
0x094
[15:0]
X
R/W
STAGE2_OFFSET_LOW
STAGE2 initial offset low value
0x095
[15:0]
X
R/W
STAGE2_OFFSET_HIGH
STAGE2 initial offset high value
0x096
[15:0]
X
R/W
STAGE2_OFFSET_HIGH_CLAMP
STAGE2 offset high clamp value
0x097
[15:0]
X
R/W
STAGE2_OFFSET_LOW_CLAMP
STAGE2 offset low clamp value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com