Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7142 Datasheet HTML 13Page - Analog Devices AD7142 Datasheet HTML 14Page - Analog Devices AD7142 Datasheet HTML 15Page - Analog Devices AD7142 Datasheet HTML 16Page - Analog Devices AD7142 Datasheet HTML 17Page - Analog Devices AD7142 Datasheet HTML 18Page - Analog Devices AD7142 Datasheet HTML 19Page - Analog Devices AD7142 Datasheet HTML 20Page - Analog Devices AD7142 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
AD7142
Rev. 0 | Page 17 of 68
NONCONTACT PROXIMITY DETECTION
The AD7142 internal signal processing continuously monitors
all capacitance sensors for noncontact proximity detection. This
feature provides the ability to detect when a user is approaching
a sensor, at which time all internal calibration is immediately
disabled while the AD7142 is automatically configured to detect
a valid contact.
The proximity control register bits are described in Table 12. The
FP_PROXIMITY_CNT register bits and LP_PROXIMITY_CNT
register bits control the length of the calibration disable period
after proximity is detected. The calibration is disabled during this
time and enabled again at the end of this period provided that the
user is no longer approaching, or in contact with, the sensor.
Figure 26 and Figure 27 show examples of how these registers are
used to set the full and low power mode calibration disable
periods.
RECALIBRATION
In the event of a very long proximity detection event, such as a
user hovering over a sensor for a long period of time, the
FP_PROXIMITY_RECAL Bits[9:0] and LP_PROXIMITY_RECAL
Bits[15:10] in Register 0x004 can be applied to force a recalibration.
This ensures that the ambient values are recalibrated regardless of how
long the user hovers over a sensor. A recalibration ensures maximum
AD7142 sensor performance. Figure 28 and Figure 29 show examples
of using the FP_PROXIMITY_RECAL and
LP_PROXIMITY_RECAL register bits to force a recalibration while
operating in the full and low power modes. These figures show a user
approaching a sensor followed by the user leaving the sensor while the
proximity detection remains active after the user leaves the sensor. This
situation could occur if the user interaction creates some moisture on
the sensor causing the new sensor value to be different from the
expected value. In this case, the internal recalibration is applied to
automatically recalibrate the sensor. The force recalibration event takes
two interrupt cycles, therefore it should not be set again during this
interval.
PROXIMITY SENSITIVITY
Figure 30 describes the two conditions that set the internal
proximity detection signal using Comparator 1 and
Comparator 2. Comparator 1 detects when a user is approach-
ing a sensor. The PROXIMITY_DETECTION_RATE register
controls the sensitivity of Comparator 1. For example, if
PROXIMITY_DETECTION_RATE is set to 4, the Proximity 1
signal is set when the absolute difference between WORD1 and
WORD3 exceeds four LSB codes. Comparator 2 detects when a
user hovers over a sensor or approaches a sensor very slowly.
The PROXIMITY_RECAL_LVL register (Address 0x003)
controls the sensitivity of Comparator 2. For example, if
PROXIMITY_RECAL_LVL is set to 75, the Proximity 2 signal
is set when the absolute difference between the fast filter
average value and the ambient value exceeds 75 LSB codes.
Table 12. Proximity Control Registers (See Figure 30)
Register
Length
Register Address
Description
FP_PROXIMITY_CNT
4 bits
0x002
Full power mode proximity control
LP_PROXIMITY_CNT
4 bits
0x002
Low power mode proximity control
FP_PROXIMITY_RECAL
8 bits
0x004
Full power mode proximity recalibration control
LP_PROXIMITY_RECAL
6 bits
0x004
Low power mode proximity recalibration control
PROXIMITY_RECAL_LVL
8 bits
0x003
Proximity recalibration level
PROXIMITY_DETECTION_RATE
6 bits
0x003
Proximity detection rate
CALIBRATION ENABLED
CALIBRATION DISABLED
PROXIMITY DETECTION
(INTERNAL)
CALIBRATION
(INTERNAL)
tCALDIS
tCONV_FP
1 2 34 5 6 78 9 10 11 1213 14 15 16
CDC CONVERSION SEQUENCE
(INTERNAL)
USER LEAVES SENSOR
AREA HERE
USER APPROACHES
SENSOR HERE
Figure 26. Full Power Mode Proximity Detection Example with FP_PROXIMITY = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com