Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7142 Datasheet HTML 27Page - Analog Devices AD7142 Datasheet HTML 28Page - Analog Devices AD7142 Datasheet HTML 29Page - Analog Devices AD7142 Datasheet HTML 30Page - Analog Devices AD7142 Datasheet HTML 31Page - Analog Devices AD7142 Datasheet HTML 32Page - Analog Devices AD7142 Datasheet HTML 33Page - Analog Devices AD7142 Datasheet HTML 34Page - Analog Devices AD7142 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
AD7142
Rev. 0 | Page 31 of 68
SDI
CW
15
CW
14
CW
13
CW
8
CW
1
CW
0
D15
D14
SCLK
CW
12
NOTES
1. MULTIPLE SEQUENTIAL REGISTERS CAN BE LOADED CONTINUOUSLY.
2. THE FIRST (LOWEST ADDRESS) REGISTER ADDRESS IS WRITTEN, FOLLOWED BY MULTIPLE 16-BIT DATA-WORDS.
3. THE ADDRESS AUTOMATICALLY INCREMENTS WITH EACH 16-BIT DATA-WORD (ALL 16 BITS MUST BE WRITTEN).
4. CS IS HELD LOW UNTIL THE LAST DESIRED REGISTER HAS BEEN LOADED.
5. 16-BIT COMMAND WORD SETTINGS FOR SEQUENTIAL WRITE OPERATION:
CW[15:11] = 11100 (ENABLE WORD)
CW[10] = 0 (R/W)
CW[9:0] = [AD9, AD8, AD7, AD6, AD5, AD4, AD3, AD2, AD1, AD0] (STARTING MSB JUSTIFIED REGISTER ADDRESS)
D1
D0
D1
D0
D15
DATA FOR STARTING
REGISTER ADDRESS
DATA FOR NEXT
REGISTER ADDRESS
D15
D14
1
32
23
4
15
16
17
18
31
34
33
48
47
49
CS
CW
11
CW
10
CW
9
CW
7
CW
2
CW
6
CW
5
CW
4
CW
3
11
12
13
14
56
78
910
16-BIT COMMAND WORD
ENABLE WORD
R/W
STARTING REGISTER ADDRESS
Figure 45. Sequential Register Write SPI Timing
NOTES
1. SDI BITS ARE LATCHED ON SCLK RISING EDGES. SCLK CAN IDLE HIGH OR LOW BETWEEN WRITE OPERATIONS.
2. THE 16-BIT CONTROL WORD MUST BE WRITTEN ON SDI: 5 BITS FOR ENABLE WORD, 1 BIT FOR R/W, AND 10 BITS FOR REGISTER ADDRESS.
3. THE REGISTER DATA IS READ BACK ON THE SDO PIN.
4. X DENOTES DON’T CARE.
5. XXX DENOTES HIGH IMPEDANCE THREE-STATE OUTPUT.
6. CS IS HELD LOW UNTIL ALL REGISTER BITS HAVE BEEN READ BACK.
7. 16-BIT COMMAND WORD SETTINGS FOR SINGLE READBACK OPERATION:
CW[15:11] = 11100 (ENABLE WORD)
CW[10] = 1 (R/W)
CW[9:0] = [AD9, AD8, AD7, AD6, AD5, AD4, AD3, AD2, AD1, AD0] (10-BIT MSB JUSTIFIED REGISTER ADDRESS)
CW
11
CW
10
CW
13
CW
12
SDI
CW
15
CW
14
CW
9
CW
7
CW
6
CW
5
CW
4
CW
3
CW
2
CW
1
CW
0
XX
X
CW
8
t1
t4
16-BIT READBACK DATA
5
32
6
7
8
9
10
11
12
13
14
15
16
30
31
t8
t5
SCLK
12
34
XX
X
17
18
19
CS
XXX
XXX
XXX
XXX
SDO
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
D2
D1
D0
XXX
D15
D14
D13
t6
t7
XXX
16-BIT COMMAND WORD
ENABLE WORD
R/W
REGISTER ADDRESS
t2
t3
Figure 46. Single Register Readback SPI Timing
Reading Data
A read transaction begins when the master writes the command
word to the AD7142 with the read/write bit set to 1. The master
then supplies 16 clock pulses per data-word to be read, and the
AD7142 clocks out data from the addressed register on the SDO
line. The first data-word is clocked out on the first falling edge
of SCLK following the command word, as shown in Figure 46.
The AD7142 continues to clock out data on the SDO line
provided the master continues to supply the clock signal on
SCLK. The read transaction finishes when the master takes
CS high. If the AD7142 address pointer reaches its maximum
value, then the AD7142 repeatedly clocks out data from the
addressed register. The address pointer does not wrap around.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com