Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7142 Datasheet HTML 5Page - Analog Devices AD7142 Datasheet HTML 6Page - Analog Devices AD7142 Datasheet HTML 7Page - Analog Devices AD7142 Datasheet HTML 8Page - Analog Devices AD7142 Datasheet HTML 9Page - Analog Devices AD7142 Datasheet HTML 10Page - Analog Devices AD7142 Datasheet HTML 11Page - Analog Devices AD7142 Datasheet HTML 12Page - Analog Devices AD7142 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
AD7142
Rev. 0 | Page 9 of 68
TYPICAL PERFORMANCE CHARACTERISTICS
VCC (V)
820
860
840
920
900
880
940
960
980
1000
2.7
2.9
2.8
3.0
3.1
3.2
3.3
3.4
3.5
3.6
DEVICE 3
DEVICE 1
DEVICE 2
Figure 6. Supply Current vs. Supply Voltage
(VCC = AVCC + DVCC, ICC = AICC + DICC)
2.7
2.8
2.9
3.0
3.1
3.2
3.4
3.3
3.5
3.6
VCC (V)
40
60
100
80
120
140
160
180
LP_CONV_DELAY = 200ms
LP_CONV_DELAY = 400ms
LP_CONV_DELAY = 600ms
LP_CONV_DELAY = 800ms
Figure 7. Low Power Supply Current vs. Supply Voltage,
Decimation Rate = 256 (VCC = AVCC + DVCC, ICC = AICC + DICC)
2.7
2.8
2.9
3.0
3.10
3.2
3.4
3.3
3.5
3.6
VCC (V)
20
40
60
80
100
120
LP_CONV_DELAY = 200ms
LP_CONV_DELAY = 600ms
LP_CONV_DELAY = 800ms
LP_CONV_DELAY = 400ms
Figure 8. Low Power Supply Current vs. Supply Voltage
Decimation Rate = 128 (VCC = AVCC + DVCC, ICC = AICC + DICC)
1.40
1.55
1.70
1.85
2.00
2.15
2.30
2.45
2.7
2.9
2.8
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
DEVICE 2
DEVICE 3
DEVICE 1
Figure 9. Shutdown Supply Current vs. Supply Voltage
(VCC = AVCC + DVCC, ICC = AICC + DICC)
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0
50
100
150
200
250
300
350
400
450
500
CAPACITANCE LOAD ON SOURCE (pF)
DEVICE 3
DEVICE 2
DEVICE 1
Figure 10. Supply Current vs. Capacitive Load on SRC (ICC = AICC + DICC)
16015
16010
16005
16000
15995
15990
15985
15980
0
50
100
150
200
250
300
350
400
450
500
CAPACITANCE LOAD ON SOURCE (pF)
DEVICE 3
DEVICE 2
DEVICE 1
Figure 11. Output Code vs. Capacitive Load on SRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com