Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 49 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7142 Datasheet HTML 45Page - Analog Devices AD7142 Datasheet HTML 46Page - Analog Devices AD7142 Datasheet HTML 47Page - Analog Devices AD7142 Datasheet HTML 48Page - Analog Devices AD7142 Datasheet HTML 49Page - Analog Devices AD7142 Datasheet HTML 50Page - Analog Devices AD7142 Datasheet HTML 51Page - Analog Devices AD7142 Datasheet HTML 52Page - Analog Devices AD7142 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
AD7142
Rev. 0 | Page 49 of 68
Table 36. STAGE3 Configuration Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x098
[15:0]
X
R/W
STAGE3_CONNECTION[6:0]
STAGE3 CIN(6:0) connection setup (see Table 45
)
0x099
[15:0]
X
R/W
STAGE3_CONNECTION[13:7]
STAGE3 CIN(13:7) connection setup (see Table 46)
0x09A
[15:0]
X
R/W
STAGE3_AFE_OFFSET
STAGE3 AFE offset control (see Table 47)
0x09B
[15:0]
X
R/W
STAGE3_SENSITIVITY
STAGE3 sensitivity control (see Table 48)
0x09C
[15:0]
X
R/W
STAGE3_OFFSET_LOW
STAGE3 initial offset low value
0x09D
[15:0]
X
R/W
STAGE3_OFFSET_HIGH
STAGE3 initial offset high value
0x09E
[15:0]
X
R/W
STAGE3_OFFSET_HIGH_CLAMP
STAGE3 offset high clamp value
0x09F
[15:0]
X
R/W
STAGE3_OFFSET_LOW_CLAMP
STAGE3 offset low clamp value
Table 37. STAGE4 Configuration Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x0A0
[15:0]
X
R/W
STAGE4_CONNECTION[6:0]
STAGE4 CIN(6:0) connection setup (see Table 45)
0x0A1
[15:0]
X
R/W
STAGE4_CONNECTION[13:7]
STAGE4 CIN(13:7) connection setup (see Table 46)
0x0A2
[15:0]
X
R/W
STAGE4_AFE_OFFSET
STAGE4 AFE offset control (see Table 47)
0x0A3
[15:0]
X
R/W
STAGE4_SENSITIVITY
STAGE4 sensitivity control (see Table 48)
0x0A4
[15:0]
X
R/W
STAGE4_OFFSET_LOW
STAGE4 initial offset low value
0x0A5
[15:0]
X
R/W
STAGE4_OFFSET_HIGH
STAGE4 initial offset high value
0x0A6
[15:0]
X
R/W
STAGE4_OFFSET_HIGH_CLAMP
STAGE4 offset high clamp value
0x0A7
[15:0]
X
R/W
STAGE4_OFFSET_LOW_CLAMP
STAGE4 offset low clamp value
Table 38. STAGE5 Configuration Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x0A8
[15:0]
X
R/W
STAGE5_CONNECTION[6:0]
STAGE5 CIN(6:0) connection setup (see Table 45)
0x0A9
[15:0]
X
R/W
STAGE5_CONNECTION[13:7]
STAGE5 CIN(13:7) connection setup (see Table 46)
0x0AA
[15:0]
X
R/W
STAGE5_AFE_OFFSET
STAGE5 AFE offset control (see Table 47)
0x0AB
[15:0]
X
R/W
STAGE5_SENSITIVITY
STAGE5 sensitivity control (see Table 48)
0x0AC
[15:0]
X
R/W
STAGE5_OFFSET_LOW
STAGE5 initial offset low value
0x0AD
[15:0]
X
R/W
STAGE5_OFFSET_HIGH
STAGE5 initial offset high value
0x0AE
[15:0]
X
R/W
STAGE5_OFFSET_HIGH_CLAMP
STAGE5 offset high clamp value
0x0AF
[15:0]
X
R/W
STAGE5_OFFSET_LOW_CLAMP
STAGE5 offset low clamp value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com