Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7142 Datasheet HTML 12Page - Analog Devices AD7142 Datasheet HTML 13Page - Analog Devices AD7142 Datasheet HTML 14Page - Analog Devices AD7142 Datasheet HTML 15Page - Analog Devices AD7142 Datasheet HTML 16Page - Analog Devices AD7142 Datasheet HTML 17Page - Analog Devices AD7142 Datasheet HTML 18Page - Analog Devices AD7142 Datasheet HTML 19Page - Analog Devices AD7142 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
AD7142
Rev. 0 | Page 16 of 68
NOTES
1.
tCONV_FP = VALUE SET FROM TABLE 10.
tCONV_FP
CONVERSION
SEQUENCE N
CONVERSION
SEQUENCE N+1
CONVERSION
SEQUENCE N+2
CDC
CONVERSION
Figure 24. Full Power Mode CDC Conversion Sequence Time
Low Power Mode CDC Conversion Sequence Time with
Delay
The frequency of each CDC conversion while operating in the
low power automatic wake up mode is controlled by using the
LP_CONV_DELAY register located at Address 0x000[3:2], in
addition to the registers listed in Table 10. This feature provides
some flexibility for optimizing the conversion time to meet
system requirements vs. AD7142 power consumption.
For example, maximum power savings is achieved when the
LP_CONV_DELAY register is set to 3. With a setting of 3, the
AD7142 automatically wakes up, performing a conversion every
800 ms.
Table 11. LP_CONV_DELAY Settings
LP_CONV_DELAY Bits
Delay Between Conversions
00
200 ms
01
400 ms
10
600 ms
11
800 ms
Figure 25 shows a simplified timing example of the low power
CDC conversion time. As shown, the low power CDC
conversion time is set by tCONV_FP and the LP_CONV_DELAY
register.
NOTES
1.
tCONV_LP = tCONV_FP + LP_CONV_DELAY
tCONV_LP
CONVERSION
SEQUENCE N
CDC
CONVERSION
CONVERSION
SEQUENCE N+1
Figure 25. Low Power Mode CDC Conversion Sequence Time
CDC CONVERSION RESULTS
Certain high resolution sensors require the host to read back
the CDC conversion results for processing. The registers
required for host processing are located in the Bank 3 registers.
The host processes the data readback from these registers using
a software algorithm, to determine position information.
In addition to the results registers in the Bank 3 registers, the
AD7142 provides the 16-bit CDC output data directly, starting
at Address 0x00B of Bank 1. Reading back the CDC 16-bit
conversion data register allows for customer-specific application
data processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com