Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7142 Datasheet(PDF) 34 Page - Analog Devices

Part # AD7142
Description  Programmable Capacitance-to-Digital Converter with Environmental Compensation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7142 Datasheet HTML 30Page - Analog Devices AD7142 Datasheet HTML 31Page - Analog Devices AD7142 Datasheet HTML 32Page - Analog Devices AD7142 Datasheet HTML 33Page - Analog Devices AD7142 Datasheet HTML 34Page - Analog Devices AD7142 Datasheet HTML 35Page - Analog Devices AD7142 Datasheet HTML 36Page - Analog Devices AD7142 Datasheet HTML 37Page - Analog Devices AD7142 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
AD7142
Rev. 0 | Page 34 of 68
NOTES
1. A START CONDITION AT THE BEGINNING IS DEFINED AS A HIGH-TO-LOW TRANSITION ON SDA WHILE SCLK REMAINS HIGH.
2. A STOP CONDITION AT THE END IS DEFINED AS A LOW-TO-HIGH TRANSITION ON SDA WHILE SCLK REMAINS HIGH.
3. THE MASTER GENERATES THE ACK AT THE END OF THE READBACK TO SIGNAL THAT IT DOES NOT WANT ADDITIONAL DATA.
4. 7-BIT DEVICE ADDRESS [DEV A6:DEV A0] = [0 1 0 1 1 X X], WHERE THE TWO LSB X's ARE DON'T CARE BITS.
5. 16-BIT REGISTER ADDRESS[A15:A0] = [X, X, X, X, X, X, A9, A8, A7, A6, A5, A4, A3, A2, A1, A0], WHERE THE UPPER LSB X’s ARE DON’T CARE BITS.
6. REGISTER ADDRESS [A15:A8] AND REGISTER ADDRESS [A7:A0] ARE ALWAYS SEPARATED BY A LOW ACK BITS.
7. REGISTER DATA [D15:D8] AND REGISTER DATA [D7:D0] ARE ALWAYS SEPARATED BY A LOW ACK BIT.
8. THE R/W BIT IS SET TO A1 TO INDICATE A READBACK OPERATION.
SDA
DEV
A6
DEV
A5
DEV
A4
R/W
A7
A6
SCLK
DEV
A3
A1
A0
1
26
234
17
18
19
20
25
DEV
A2
DEV
A1
DEV
A0
ACK
A15
A14
11
16
5678
910
START
AD7142-1 DEVICE ADDRESS
A9
A8
REGISTER ADDRESS[A15:A8]
REGISTER ADDRESS[A7:A0]
ACK
35
28
30
34
37
36
44
38
45
D1
D0
D7
D6
REGISTER DATA[D7:D0]
SR
ACK
46
P
DEV
A6
DEV
A5
DEV
A4
1
23
t8
t7
t6
t
5
t4
t2
t1
t3
AD7142 DEVICE ADDRESS
ACK
27
AD7142-1 DEVICE ADDRESS
DEV
A6
DEV
A5
DEV
A1
DEV
A0
R/W
29
39
35
28
30
34
37
36
44
38
45
D1
D0
D7
D6
REGISTER DATA[D7:D0]
S
ACK
46
P
t
5
t4
AD7142-1 DEVICE ADDRESS
DEV
A6
DEV
A5
DEV
A1
DEV
A0
R/W
29
39
P
USING
REPEATED START
SEPARATE READ AND
WRITE TRANSACTIONS
ACK
ACK
Figure 49. Example of I2C Timing for Single Register Readback Operation
WRITE
OUTPUT FROM MASTER
OUTPUT FROM AD7142
S
P
P
6-BIT DEVICE
ADDRESS
S = START BIT
P = STOP BIT
SR = REPEATED START BIT
ACK = ACKNOWLEDGE BIT
ACK = NO ACKNOWLEDGE BIT
REGISTER ADDR
[15:8]
REGISTER ADDR
[7:0]
WRITE DATA
HIGH BYTE [15:8]
WRITE DATA
LOW BYTE [7:0]
WRITE DATA
HIGH BYTE [15:8]
WRITE DATA
LOW BYTE [7:0]
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
W
READ (USING REPEATED START)
S
6-BIT DEVICE
ADDRESS
REGISTER ADDR
HIGH BYTE
REGISTER ADDR
LOW BYTE
6-BIT DEVICE
ADDRESS
READ DATA
HIGH BYTE [15:8]
W
READ DATA
LOW BYTE [7:0]
P
READ DATA
HIGH BYTE [15:8]
READ DATA
LOW BYTE [7:0]
READ (WRITE TRANSACITON SETS UP REGISTER ADDRESS)
S
6-BIT DEVICE
ADDRESS
REGISTER ADDR
HIGH BYTE
REGISTER ADDR
LOW BYTE
6-BIT DEVICE
ADDRESS
READ DATA
HIGH BYTE [15:8]
W
READ DATA
LOW BYTE [7:0]
P
S
ACK
ACK
Figure 50. Example of Sequential I2C Write and Readback Operation
VDRIVE INPUT
The supply voltage to all pins associated with both the I2C and
SPI serial interfaces (SDO, SDI, SCLK, SDA, and CS) is separate
from the main VCC supplies and is connected to the VDRIVE pin.
This allows the AD7142 to be connected directly to processors
whose supply voltage is less than the minimum operating
voltage of the AD7142 without the need for external level-
shifters. The VDRIVE pin can be connected to voltage supplies as
low as 1.65 V and as high as DVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com