Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 16 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 12Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 13Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 14Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 15Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 16Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 17Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 18Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 19Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 122 page
background image
General Description
General Release Specification
MC68HC05RC16 — Rev. 3.0
General Description
1.2 Introduction
The MC68HC05RC16 is a low-cost addition to the M68HC05 Family of
microcontrollers (MCUs) and is suitable for remote control applications.
This device contains the HC05 central processing unit (CPU) core,
including the 14-stage core timer with real-time interrupt (RTI) and
computer operating properly (COP) watchdog systems. On-chip
peripherals include a carrier modulator transmitter. The 16-kbyte
memory map has 15,936 bytes of user ROM and 352 bytes of RAM.
There are 20 input/output (I/O) lines (eight having keyscan
pullups/interrupts) and a low-power reset pin. This device is available in
28-pin small outline integrated circuit (SOIC), 28-pin dual in-line (DIP),
and 44-pin plastic leaded chip carrier (PLCC) packages. Four additional
I/O lines are available for bond out on the higher pin count package.
1.3 Features
Features for the MC68HC05RC16 include:
•
Low Cost
•
HC05 Core
•
28-Pin Plastic Dual In-Line (PDIP), Small Outline Integrated
Circuit (SOIC), or Plastic Leaded Chip Carrier (PLCC) Packages
•
On-Chip Oscillator with Crystal/Ceramic Resonator
•
4-MHz Maximum Oscillator Frequency at 5 V and 2.2 V Supply
•
Fully Static Operation
•
15,936 Bytes of User ROM
•
64 Bytes of Burn-In ROM
•
352 Bytes of On-Chip RAM
•
14-Stage Core Timer with Real-Time Interrupt (RTI) and
Computer Operating Properly (COP) Watchdog Circuits
•
Carrier Modulator Transmitter Supporting Baseband, Pulse
Length Modulator (PLM), and Frequency Shift Keying (FSK)
Protocols
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com