Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 19Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 20Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 21Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 22Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 23Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 24Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 25Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 26Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 122 page
background image
General Description
Signal Description
MC68HC05RC16 — Rev. 3.0
General Release Specification
General Description
1.5.1 VDD and VSS
Power is supplied to the microcontroller’s digital circuits using these two
pins. V
DD is the positive supply and VSS is ground.
1.5.2 IRQ (Maskable Interrupt Request)
In addition to suppling the EPROM with the required programming
voltage, this pin has a mask option as specified by the user that provides
one of two different choices of interrupt triggering sensitivity. The options
are:
1. Negative edge-sensitive triggering only
2. Both negative edge-sensitive and level-sensitive triggering.
The MCU completes the current instruction before it responds to the
interrupt request. When IRQ goes low for at least one t
ILIH (see 11.8
Control Timing (5.0 Vdc and 2.2 Vdc)), a logic 1 is latched internally to
signify that an interrupt has been requested. When the MCU completes
its current instruction, the interrupt latch is tested. If the interrupt latch
contains a logic 1 and the interrupt mask bit (I bit) in the condition code
register is clear, the MCU then begins the interrupt sequence.
If the option is selected to include level-sensitive triggering, the IRQ input
requires an external resistor to V
DD for wired-OR operation.
The IRQ pin contains an internal Schmitt trigger as part of its input to
improve noise immunity.
Refer to Section 4. Interrupts for more detail.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com