Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 59 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 55Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 56Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 57Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 58Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 59Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 60Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 61Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 62Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
Parallel Input/Output (I/O)
Input/Output Programming
MC68HC05RC16 — Rev. 3.0
General Release Specification
Parallel Input/Output (I/O)
the ports to inputs. Writing a one to a DDR bit sets the corresponding
port bit to output mode. Port C pins PC4–PC7 are available only with the
44-lead PLCC package.
NOTE:
Only four bits of port C are bonded out in 28-pin packages for the
MC68HC05RC16, although port C is truly an 8-bit port. Since pins
PC4–PC7 are unbonded, software should include the code to set their
respective data direction register locations to outputs to avoid floating
inputs.
7.6 Input/Output Programming
Port pins may be programmed as inputs or outputs under software
control. The direction of the pins is determined by the state of the
corresponding bit in the port data direction register (DDR). Each I/O port
has an associated DDR. Any I/O port pin is configured as an output if its
corresponding DDR bit is set to a logic 1. A pin is configured as an input
if its corresponding DDR bit is cleared to a logic 0.
At power-on or reset, all DDRs are cleared, which configures all pins as
inputs. The data direction registers are capable of being written to or
read by the processor. During the programmed output state, a read of
the data register actually reads the value of the output data latch and not
the I/O pin.
Table 7-1. I/O Pin Functions
Access
DDR
I/O Pin Functions
Write
0
The I/O pin is in input mode. Data is written into the output
data latch.
Write
1
Data is written into the output data latch and output to the
I/O pin.
Read
0
The state of the I/O pin is read.
Read
1
The I/O pin is in an output mode. The output data latch is read.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com