Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 36 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 32Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 33Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 34Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 35Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 36Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 37Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 38Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 39Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 122 page
background image
Central Processor Unit
General Release Specification
MC68HC05RC16 — Rev. 3.0
Central Processor Unit
3.6 Stack Pointer
The stack pointer (SP) contains the address of the next free location on
the stack. During an MCU reset or the reset stack pointer (RSP)
instruction, the stack pointer is set to location $00FF. The stack pointer
is then decremented as data is pushed onto the stack and incremented
as data is pulled from the stack.
When accessing memory, the seven most significant bits are
permanently set to 0000011. These seven bits are appended to the six
least significant register bits to produce an address within the range of
$00FF to $00C0. Subroutines and interrupts may use up to 64 (decimal)
locations. If 64 locations are exceeded, the stack pointer wraps around
and loses the previously stored information. A subroutine call occupies
two locations on the stack; an interrupt uses five locations.
3.7 Program Counter
The program counter (PC) is a 13-bit register that contains the address
of the next byte to be fetched.
NOTE:
The HC05 CPU core is capable of addressing a 64-Kbyte memory map.
For this implementation, however, the addressing registers are limited to
an 16-Kbyte memory map.
13
7
0
0000011
SP
13
0
PC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com