Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 58 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 54Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 55Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 56Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 57Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 58Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 59Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 60Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 61Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 122 page
background image
Parallel Input/Output (I/O)
General Release Specification
MC68HC05RC16 — Rev. 3.0
Parallel Input/Output (I/O)
7.4 Port B
Port B is an 8-bit bidirectional port which does not share any of its pins
with other subsystems. The address of the port B data register is $0001
and the data direction register (DDR) is at address $0005. Reset does
not affect the data register, but clears the data direction register, thereby
returning the ports to inputs. Writing a one to a DDR bit sets the
corresponding port bit to output mode. Each of the port B pins has a
mask programmable pullup device that can be enabled. When the pullup
device is enabled, this pin will become an interrupt pin also. The edge or
edge and level sensitivity of the IRQ pin also will pertain to the enabled
port B pins. Care needs to be taken when using port B pins that have the
pullup enabled. Before switching from an output to an input, the data
should be preconditioned to a logic one or the I bit should be set in the
condition code register to prevent an interrupt from occurring. The
EIMSK bit in the CMT MCSR register can be used to mask port B
keyscan and external interrupts (IRQ).
NOTE:
When a port B pin is configured as an output, it’s corresponding keyscan
interrupt is disabled, regardless of it’s mask option.
Figure 7-1. Port B Pullup Option
7.5 Port C
Port C is an 8-bit bidirectional port (PC0–PC7) which does not share any
of its pins with other subsystems. The port C data register is at $0003
and the data direction register (DDR) is at $0006. Reset does not affect
the data register, but clears the data direction register, thereby returning
PB7
VDD
VDD
DDR BIT
NORMAL PORT CIRCUITRY
AS SHOWN IN FIGURE 7-2
IRQ
TO INTERRUPT
LOGIC
MASK OPTION (PB7PU)
DISABLED
ENABLED
FROM ALL OTHER PORT B PINS
IRQEN
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com